Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS0128 Datasheet(PDF) 66 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 66 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 62Page - Microsemi Corporation DS0128 Datasheet HTML 63Page - Microsemi Corporation DS0128 Datasheet HTML 64Page - Microsemi Corporation DS0128 Datasheet HTML 65Page - Microsemi Corporation DS0128 Datasheet HTML 66Page - Microsemi Corporation DS0128 Datasheet HTML 67Page - Microsemi Corporation DS0128 Datasheet HTML 68Page - Microsemi Corporation DS0128 Datasheet HTML 69Page - Microsemi Corporation DS0128 Datasheet HTML 70Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
56
Table 161 • LVDS DC Input Voltage Specification
Parameter
Symbol
Min
Max
Unit
Conditions
DC Input voltage
VI
0
2.925
V
2.5 V range
DC input voltage
VI
0
3.45
V
3.3 V range
Input current high1
IIH (DC)
Input current low1
IIL (DC)
1.
See
Table 24, page 23.
Table 162 • LVDS DC Output Voltage Specification
Parameter
Symbol
Min
Typ
Max
Unit
DC output logic high
VOH
1.25
1.425
1.6
V
DC output logic low
VOL
0.9
1.075
1.25
V
Table 163 • LVDS DC Differential Voltage Specification1
Parameter
Symbol
Min
Typ
Max
Unit
Differential output voltage swing
VOD
250
350
450
mV
Output common mode voltage
VOCM
1.125
1.25
1.375
V
Input common mode voltage
VICM
0.05
1.25
2.35
V
Input differential voltage
VID
100
350
600
mV
1.
when VID is < 300 mV, the input signal is delayed by up to an additional 450 ps for
LVDS25 and 280 ps for LVDS33. This delay is not accounted in the timing model. Clock
insertion delays, propagation delays, and I/O to FF delays are marginally affected. Adding
a parallel termination resistor of 200 ohms +/- 5% across the receiver pins can mitigate
this additional delay when VID is < 300 mV.
Table 164 • LVDS Minimum and Maximum AC Switching Speed
Parameter
Symbol
Max
Unit
Conditions
Maximum data rate (for MSIO I/O bank)
DMAX
535
Mbps
AC loading: 12 pF / 100
 differential load
Maximum data rate (for MSIOD I/O bank) no
pre-emphasis
DMAX
620
Mbps
AC loading: 10 pF / 100
 differential load
700
Mbps
AC loading: 2 pF / 100
 differential load
Table 165 • LVDS AC Impedance Specifications
Parameter
Symbol
Typ
Max
Unit
Termination resistance
RT
100
Table 166 • LVDS AC Test Parameter Specifications
Parameter
Symbol
Typ
Unit
Measuring/trip point for data path
VTRIP
Cross point
V
Resistance for enable path (TZH, TZL, THZ, TLZ)RENT
2K
Capacitive loading for enable path (TZH, TZL, THZ, TLZ)CENT
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com