Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS0128 Datasheet(PDF) 73 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 69Page - Microsemi Corporation DS0128 Datasheet HTML 70Page - Microsemi Corporation DS0128 Datasheet HTML 71Page - Microsemi Corporation DS0128 Datasheet HTML 72Page - Microsemi Corporation DS0128 Datasheet HTML 73Page - Microsemi Corporation DS0128 Datasheet HTML 74Page - Microsemi Corporation DS0128 Datasheet HTML 75Page - Microsemi Corporation DS0128 Datasheet HTML 76Page - Microsemi Corporation DS0128 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
63
2.3.7.5 RSDS
Reduced Swing Differential Signaling (RSDS) is similar to an LVDS high-speed interface using
differential signaling. RSDS has a similar implementation to LVDS devices and is only intended for
point-to-point applications.
Minimum and Maximum Input and Output Levels
Table 203 • RSDS Recommended DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VDDI
2.375
2.5
2.625
V
Table 204 • RSDS DC Input Voltage Specification
Parameter
Symbol
Min
Max
Unit
DC input voltage
VI
02.925
V
Table 205 • RSDS DC Output Voltage Specification
Parameter
Symbol Min
Typ
Max
Unit
DC output logic high
VOH
1.25
1.425
1.6
V
DC output logic low
VOL
0.9
1.075
1.25
V
Table 206 • RSDS Differential Voltage Specification
Parameter
Symbol Min
Max
Unit
Differential output voltage swing
VOD
100
600
mV
Output common mode voltage
VOCM
0.5
1.5
V
Input common mode voltage
VICM
0.3
1.5
V
Input differential voltage
VID
100
600
mV
Table 207 • RSDS Minimum and Maximum AC Switching Speed
Parameter
Symbol Max
Unit
Conditions
Maximum data rate (for MSIO I/O bank)
DMAX
520
Mbps
AC loading: 2 pF / 100
 differential load
Maximum data rate (for MSIOD I/O bank) DMAX
700
Mbps
AC loading: 2 pF / 100
 differential load
Table 208 • RSDS AC Impedance Specifications
Parameter
Symbol
Typ
Unit
Termination resistance
RT
100
Table 209 • RSDS AC Test Parameter Specifications
Parameter
Symbol
Typ
Unit
Measuring/trip point for data path
VTRIP
Cross point
V
Resistance for enable path (TZH, TZL, THZ, TLZ)RENT
2K
Capacitive loading for enable path (TZH, TZL, THZ, TLZ)CENT
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com