Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS0128 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 6Page - Microsemi Corporation DS0128 Datasheet HTML 7Page - Microsemi Corporation DS0128 Datasheet HTML 8Page - Microsemi Corporation DS0128 Datasheet HTML 9Page - Microsemi Corporation DS0128 Datasheet HTML 10Page - Microsemi Corporation DS0128 Datasheet HTML 11Page - Microsemi Corporation DS0128 Datasheet HTML 12Page - Microsemi Corporation DS0128 Datasheet HTML 13Page - Microsemi Corporation DS0128 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 140 page
background image
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
x
Table 273
eNVM Page Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
Table 274
SRAM PUF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
Table 275
Non-Deterministic Random Bit Generator (NRBG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Table 276
Cryptographic Block Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Table 277
Electrical Characteristics of the Crystal Oscillator – High Gain Mode (20 MHz) . . . . . . . . . . . . . . 107
Table 278
Electrical Characteristics of the Crystal Oscillator – Medium Gain Mode (2 MHz) . . . . . . . . . . . . 108
Table 279
Electrical Characteristics of the Crystal Oscillator – Low Gain Mode (32 kHz) . . . . . . . . . . . . . . . 108
Table 280
Electrical Characteristics of the 50 MHz RC Oscillator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Table 281
Electrical Characteristics of the 1 MHz RC Oscillator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Table 282
IGLOO2 and SmartFusion2 SoC FPGAs CCC/PLL Specification . . . . . . . . . . . . . . . . . . . . . . . . 110
Table 283
IGLOO2 and SmartFusion2 SoC FPGAs CCC/PLL Jitter Specifications . . . . . . . . . . . . . . . . . . . 111
Table 284
JTAG 1532 for 005, 010, 025, and 050 Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111
Table 285
JTAG 1532 for 060, 090, and 150 Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112
Table 286
System Controller SPI Characteristics for All Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113
Table 287
Supported I/O Configurations for System Controller SPI (for MSIO Bank Only) . . . . . . . . . . . . . 113
Table 288
Power-up to Functional Times When MSS/HPMS is Used . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 114
Table 289
Power-up to Functional Times When MSS/HPMS is not Used . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
Table 290
DEVRST_N Characteristics for All Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 116
Table 291
DEVRST_N to Functional Times When MSS/HPMS is Used . . . . . . . . . . . . . . . . . . . . . . . . . . . . 116
Table 292
DEVRST_N to Functional Times When MSS/HPMS is not Used . . . . . . . . . . . . . . . . . . . . . . . . . 118
Table 293
Flash*Freeze Entry and Exit Times . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 119
Table 294
DDR Memory Interface Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 119
Table 295
SFP Transceiver Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120
Table 296
Transmitter Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120
Table 297
Receiver Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 121
Table 298
SerDes Protocol Compliance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 121
Table 299
SerDes Reference Clock AC Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
Table 300
HCSL Minimum and Maximum DC Input Levels (Applicable to SerDes REFCLK Only) . . . . . . . 122
Table 301
HCSL Minimum and Maximum AC Switching Speeds (Applicable to SerDes REFCLK Only) . . . 122
Table 302
Maximum Frequency for MSS Main Clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
Table 303
I2C Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 123
Table 304
I2C Switching Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 124
Table 305
SPI Characteristics for All Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
Table 306
CAN Controller Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
Table 307
USB Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
Table 308
MMUART Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 128
Table 309
Maximum Frequency for HPMS Main Clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 128
Table 310
SPI Characteristics for All Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com