| Electronic Components Datasheet Search |
|
STM32U535NET6QTR Datasheet(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U535NET6QTR Datasheet(HTML) 102 Page - STMicroelectronics |
|
102 / 278 page ![]() - G7 26 G4 J10 34 L4 20 28 G6 37 L6 PB2 I/O FT_hat - LPTIM1_CH1, TIM8_CH4N, I2C3_SMBA, SPI1_RDY, MDF1_CKI0, OCTOSPI1_DQS, EVENTOUT COMP1_INP2, ADC1_IN17, WKUP1, RTC_OUT2 - - - - - 35 K5 - - - 38 M7 PE7 I/O FT_h - TIM1_ETR, SAI1_SD_B, EVENTOUT WKUP6 - - - - - 36 M4 - - - 39 L7 PE8 I/O FT_h - TIM1_CH1N, SAI1_SCK_B, EVENTOUT WKUP7 - - - - - 37 L5 - - - 40 M8 PE9 I/O FT_hv - TIM1_CH1, ADF1_CCK0, MDF1_CCK0, OCTOSPI1_NCLK, SAI1_FS_B, EVENTOUT - - - - - - 38 M5 - - - 41 L8 PE10 I/O FT_hav - TIM1_CH2N, ADF1_SDI0, TSC_G5_IO1, OCTOSPI1_CLK, SAI1_MCLK_B, EVENTOUT - - - - - - 39 L6 - - - 42 M9 PE11 I/O FT_ha - TIM1_CH2, SPI1_RDY, TSC_G5_IO2, OCTOSPI1_NCS, EVENTOUT - - - - - - 40 M6 - - - 43 L9 PE12 I/O FT_ha - TIM1_CH3N, SPI1_NSS, TSC_G5_IO3, OCTOSPI1_IO0, EVENTOUT - - - - - - 41 L7 - - - 44 M10 PE13 I/O FT_ha - TIM1_CH3, SPI1_SCK, TSC_G5_IO4, OCTOSPI1_IO1, EVENTOUT - - - - - - 42 M7 - - - 45 M11 PE14 I/O FT_h - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, OCTOSPI1_IO2, EVENTOUT - Table 26. STM32U535xx pin/ball definitions(1) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |