| Electronic Components Datasheet Search |
|
STM32U535NET6QTR Datasheet(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U535NET6QTR Datasheet(HTML) 103 Page - STMicroelectronics |
|
103 / 278 page ![]() - - - - - 43 L8 - - - 46 M12 PE15 I/O FT_h - TIM1_BKIN, TIM1_CH4N, SPI1_MOSI, OCTOSPI1_IO3, EVENTOUT - - - 27 F6 H9 44 M8 21 29 G7 47 L10 PB10 I/O FT_fhv - TIM2_CH3, LPTIM3_CH1, I2C4_SCL, I2C2_SCL(boot), SPI2_SCK, USART3_TX, LPUART1_RX, TSC_SYNC, OCTOSPI1_CLK, LPGPIO1_P4, COMP1_OUT, SAI1_SCK_A, EVENTOUT WKUP8 - - - - - 45 K8 - - - - - PB11 I/O FT_fh - TIM2_CH4, I2C4_SDA, I2C2_SDA(boot), SPI2_RDY, USART3_RX, LPUART1_TX, OCTOSPI1_NCS, EVENTOUT - 20 H8 28 H5 J8 46 M9 - - - - - VLXSMPS S - - - - 21 H6 29 H6 J6 47 M10 - - - - - VDDSMPS S - - - - 22 G5 30 G6 H5 48 L9 - - - - - VSSSMPS S - - - - - - - - - - - 22 30 H7 48 L11 VCAP S - - - - 23 H4 31 H7 J4 49 K9 - - - - - VDD11 S - - - - 24 G3 32 B2 H3 50 C4 23 31 D4 49 F11 VSS S - - - - 25 H2 33 A1 J2 51 K10 24 32 D2 50 G12 VDD S - - - - Table 26. STM32U535xx pin/ball definitions(1) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |