Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-332VC Datasheet(PDF) 47 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 47 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 43Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 44Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 45Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 46Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 47Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 48Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 49Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 50Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
Table 36. Output voltage characteristics
Symbol
Parameter
Conditions
Min.
Max.
Unit
VOL
Output low level voltage for I/O pin
CMOS port(1) |IIO| = 8 mA VDD ≥ 2.7 V
-
0.4
V
VOH
Output high level voltage for I/O pin
VDD -0.4
-
VOL
Output low level voltage for I/O pin
|IIO| = 20 mA VDD ≥ 2.7 V
-
1.3
VOH
Output high level voltage for I/O pin
VDD -1.3
-
VOL
Output low level voltage for I/O pin
|IIO| = 4 mA VDD ≥ 1.62 V
-
0.4
VOH
Output high level voltage for I/O pin
VDD-0.45
-
1. CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
6.3.17
RSTN pin characteristics
The RSTN pin input driver uses CMOS technology. It is connected to a permanent pull-up resistor, RPU.
Unless otherwise specified, the parameters given in the table below are derived from tests performed under the
ambient temperature and supply voltage conditions summarized in Section 6.3.2 General operating conditions.
Table 37. RSTN pin characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit.
VIL(RSTN)
RSTN input low level voltage
-
-
-
0.3 x VDD
V
VIH(RSTN)
RSTN input high level voltage
-
0.7 x VDD
-
-
Vhys(RSTN)
RSTN Schmitt trigger voltage hysteresis
-
-
200
-
mV
RPU
Weak pull-up equivalent resistor
VIN=GND
25
40
55
kΩ
Figure 14. Recommended RSTN pin protection
Note:
The external reset circuit protects the device against parasitic resets.
The user must ensure that the level on the RSTN pin can go below the VIL(RSTN) max. level specified in the
table, otherwise the reset is not taken into account by the device. The external capacitor on RSTN must be
placed as close as possible to the device.
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 47/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com