Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-332VC Datasheet(PDF) 1 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 1 Page - STMicroelectronics

  BLUENRG-332VC Datasheet HTML 1Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 2Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 3Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 4Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 5Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 6Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 7Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 8Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Features
Bluetooth® Low Energy system-on-chip supporting Bluetooth 5.3 specifications
2 Mbps data rate
Long range (Coded PHY)
Advertising extensions
Channel selection algorithm #2
GATT caching
Direction finding (AoA/AoD)
LE ping procedure
Periodic advertising and periodic advertising sync transfer
LE L2CAP connection-oriented channel
LE power control and path loss monitoring
Radio
RX sensitivity level: -97 dBm @ 1 Mbps, -104 dBm @ 125 kbps (long
range)
Programmable output power up to +8 dBm (at antenna connector)
Data rate supported: 2 Mbps, 1 Mbps, 500 kbps and 125 kbps
128 physical connections
Integrated balun
Support for external PA and LNA
BlueNRG core coprocessor (DMA based) for Bluetooth Low Energy
timing critical operation
2.4 GHz proprietary radio driver
Suitable for systems requiring compliance with the following radio
frequency regulations: ETSI EN 300 328, EN 300 440, FCC CFR47 part
15, ARIB STD-T66
Available integrated passive device (IPD) companion chip for optimized
matching and filtering
Ultra-low power radio performance
8 nA in SHUTDOWN mode (1.8 V)
0.8 µA in DEEPSTOP mode (with external LSE and BLE wake-up
sources, 1.8 V)
1.0 µA in DEEPSTOP mode (with internal LSI and BLE wake-up
sources, 1.8 V)
4.3 mA peak current in TX (@ 0 dBm, 3.3 V)
3.4 mA peak current in RX (@ sensitivity level, 3.3V)
High performance and ultra-low power Arm® Cortex®-M0+ 32-bit, running up to
64 MHz
Dynamic current consumption: 14 µA/MHz
Operating supply voltage: from 1.7 to 3.6 V
-40 ºC to 105 ºC temperature range
Supply and reset management
High efficiency embedded SMPS step-down converter with intelligent
bypass mode
Ultra-low power power-on-reset (POR) and power-down-reset (PDR)
Programmable voltage detector (PVD)
VFQFPN32 (5 x 5 mm)
WLCSP36 (2.83 x 2.99 mm)
Product status link
BlueNRG-LPS
Product summary
Order code
BlueNRG-332xy
Programmable Bluetooth® Low Energy wireless SoC
BlueNRG-LPS
Datasheet
DS13819 - Rev 4 - March 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - BLUENRG-332VC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-345AC STMICROELECTRONICS-BLUENRG-345AC Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
BLUENRG-345AT STMICROELECTRONICS-BLUENRG-345AT Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
BLUENRG-345MC STMICROELECTRONICS-BLUENRG-345MC Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
BLUENRG-345MT STMICROELECTRONICS-BLUENRG-345MT Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
BLUENRG-345VC STMICROELECTRONICS-BLUENRG-345VC Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
More results

Similar Description - BLUENRG-332VC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
Single-Chip Bluetooth Low Energy-Only SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
STMicroelectronics
BLUENRG-LP STMICROELECTRONICS-BLUENRG-LP Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Silicon Laboratories
EFR32BG14 SILABS-EFR32BG14 Datasheet
2Mb / 159P
EFR32BG14 Blue Gecko Bluetooth® Low Energy SoC Family
Rev. 1.2
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
logo
Texas Instruments
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com