Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-332VC Datasheet(PDF) 18 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 18 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 14Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 15Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 16Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 17Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 18Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 19Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 20Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 21Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
Priorities among requests from channels of DMA are software programmable (four levels consisting of very
high, high, medium, low) or hardware in case of equality (request 1 has priority over request 2, and so on)
Independent source and destination transfer size (byte, half word, word), emulating packing and
unpacking. Source/destination addresses must be aligned on the data size
Support for circular buffer management
Three event flags (DMA half transfer, DMA transfer complete and DMA transfer error) logically ORed
together in a single interrupt request for each channel
Memory-to-memory transfer (RAM only)
Peripheral-to-memory and memory-to-peripheral, and peripheral-to-peripheral transfers
Access to SRAMs, APB0 and APB1 peripherals as source and destination
Programmable number of data to be transferred: up to 65536
2.14
Nested vectored interrupt controller (NVIC)
The interrupts are handled by the Cortex-M0+ nested vector interrupt controller (NVIC). NVIC controls specific
Cortex-M0+ interrupts as well as the BlueNRG-LPS peripheral interrupts.
The NVIC benefits are the following:
Nested vectored interrupt controller that is an integral part of the ARM Cortex-M0+
Tightly coupled interrupt controller provides low interrupt latency
Control system exceptions and peripheral interrupts
NVIC supports 32 vectored interrupts
Four programmable interrupt priority levels with hardware priority level masking
Software interrupt generation using the ARM exceptions SVCall and PendSV
Support for NMI
ARM Cortex M0+ vector table offset register VTOR implemented
NVIC hardware block provides flexible interrupt management features with minimal interrupt latency.
2.15
Analog digital converter (ADC)
The BlueNRG-LPS embeds a 12-bit ADC. The ADC consists of a 12-bit successive approximation analog-to-
digital converter (SAR) with 2 x 8 multiplexed channels allowing measurements of up to eight external sources
and up to two internal sources.
The ADC main features are:
Conversion frequency is up to 1 Msps
Three input voltage ranges are supported (0 - 1.2 V, 0 - 2.4 V, 0 - 3.6 V)
Up to eight analog single-ended channels or four analog differential inputs or a mix of both
Temperature sensor conversion
Battery level conversion up to 3.6 V
ADC continuous or single mode conversion is possible
ADC down-sampler for multi-purpose applications to improve analog performance while off-loading the
CPU (ratio adjustable from 1 to 128)
A watchdog feature to inform when data is outside thresholds
DMA capability
Interrupt sources with flags.
2.15.1
Temperature sensor
The temperature sensor (TS) generates a voltage that varies linearly with temperature. The temperature sensor
is internally connected to the ADC input channel, which is used to convert the sensor output voltage into a digital
value.
To improve the accuracy of the temperature sensor measurement, each device is individually factory-calibrated by
ST. The temperature sensor factory calibration data are stored by ST in the system memory area, accessible in
read-only mode.
BlueNRG-LPS
Nested vectored interrupt controller (NVIC)
DS13819 - Rev 4
page 18/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com