Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-332VC Datasheet(PDF) 8 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 4Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 5Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 6Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 7Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 8Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 9Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 10Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 11Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
2.3.5
Memory protection unit (MPU)
The MPU is used to manage accesses to memory to prevent one task from accidentally corrupting the memory
or resources used by any other active task. This memory area is organized into up to 8 protected areas. The
protection area sizes are between 32 bytes and the whole 4 gigabytes of addressable memory.
The MPU is especially helpful for applications where some critical or certified code has to be protected against
the misbehavior of other tasks. It is usually managed by an RTOS (real-time operating system). If a program
accesses a memory location that is prohibited by the MPU, the RTOS can detect it and take action. In an RTOS
environment, the kernel can dynamically update the MPU area settings, based on the process to be executed.
The MPU is optional and can be bypassed for applications that do not need it.
2.4
Security and safety
The BlueNRG-LPS contains many security blocks for the BLE and the host application.
It includes:
Flash read/write protection over accidental and intentional actions
As protection against potential hacker attacks, the SWD access can be disabled
Secure bootloader (refer to the dedicated application note AN5471)
Customer storage of the BLE keys
True random number generator (RNG)
Public key accelerator (PKA) including:
Modular arithmetic including exponentiation with maximum modulo size of 3136 bits
Elliptic curves over prime field scalar multiplication, ECDSA signature, ECDSA verification with
maximum modulo size of 521 bits
Cyclic redundancy check calculation unit (CRC)
2.5
RF subsystem
The BlueNRG-LPS embeds an ultra-low power radio, compliant with Bluetooth Low Energy (BLE) specification.
The BLE features 1 Mbps and 2 Mbps transfer rates as well as long range options (125 kbps, 500 kbps), supports
multiple roles simultaneously acting at the same time as Bluetooth Low Energy sensor and hub device.
The BLE protocol stack is implemented by an efficient system partitioned as follows:
Hardware part: BlueCore handling time critical and time consuming BLE protocol parts
Firmware part: Arm® Cortex-M0+ core handling non time critical BLE protocol parts
2.5.1
RF front-end block diagram
The RF front end is based on a direct modulation of the carrier in TX, and uses a low IF architecture in RX mode.
Thanks to an internal transformer with RF pins, the circuit directly interfaces the antenna (single ended
connection, impedance close to 50 Ω). The natural band pass behavior of the internal transformer simplifies
outside circuitry aimed at harmonic filtering and out of band interferer rejection.
In transmit mode, the maximum output power is user selectable through the programmable LDO voltage of the
power amplifier. A linearized, smoothed analog control offers a clean power ramp-up.
In receive mode the circuit can be used in standard high performance or in reduced power consumption (user
programmable). The automatic gain control (AGC) is able to reduce the chain gain at both RF and IF locations, for
an optimized interferer rejection. Thanks to the use of complex filtering and highly accurate I/Q architecture, high
sensitivity, and excellent linearity can be achieved.
BlueNRG-LPS
Security and safety
DS13819 - Rev 4
page 8/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com