Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-332VC Datasheet(PDF) 20 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 16Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 17Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 18Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 19Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 20Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 21Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 22Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 23Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
2.19
Inter-integrated circuit interface (I2C)
The BlueNRG-LPS embeds one I2Cs. The I2C bus interface handles communications between the microcontroller
and the serial I2C bus. It controls all I2C bus-specific sequencing, protocol, arbitration and timing.
The I2C peripheral supports:
I2C bus specification and user manual rev. 5 compatibilities:
Slave and master modes
Multimaster capability
Standard-mode (Sm), with a bitrate up to 100 kbit/s
Fast-mode (Fm), with a bitrate up to 400 kbit/s
Fast-mode Plus (fm+), with a bitrate up to 1 Mbit/s and 20 mA output driver I/Os
7-bit and 10-bit addressing mode
Multiple 7-bit slave addresses (2 addresses, 1 with configurable mask)
All 7-bit address acknowledge mode
General call
Programmable setup and hold times
Easy to use event management
Optional clock stretching
Software reset
System management Bus (SMBus) specification rev 2.0 compatibility:
Hardware PEC (Packet Error Checking) generation and verification with ACK control
Address resolution protocol (ARP) support
Host and device support
SMBus alert
Timeouts and idle condition detection
Power system management protocol (PMBusTM) specification rev 1.1 compatibility
Independent clock: a choice of independent clock sources allowing the I2C communication speed to be
independent from the PCLK reprogramming
Programmable analog and digital noise filters
1-byte buffer with DMA capability
2.20
Universal synchronous/asynchronous receiver transmitter (USART)
USART offers flexible full-duplex data exchange with external equipment requiring an industry standard NRZ
asynchronous serial data format. USART is able to communicate with a speed up to 2 Mbit/s. Furthermore,
USART is able to detect and automatically set its own baud rate, based on the reception of a single character.
The USART peripheral supports:
Synchronous one-way communication
Half-duplex single wire communication
Local interconnection network (LIN) master/slave capability
Smart card mode, ISO 7816 compliant protocol
IrDA (infrared data association) SIR ENDEC specifications
Modem operations (CTS/RTS)
RS485 driver enable
Multiprocessor communications
SPI-like communication capability
High speed data communication is possible by using DMA (direct memory access) for multibuffer configuration.
2.21
LPUART
The device embeds one low-power UART, enabling asynchronous serial communication with minimum power
consumption. The LPUART supports half duplex single wire communication and modem operations (CTS/RTS),
allowing multiprocessor communication.
BlueNRG-LPS
Inter-integrated circuit interface (I2C)
DS13819 - Rev 4
page 20/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com