Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-332VC Datasheet(PDF) 7 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 3Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 4Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 5Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 6Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 7Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 8Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 9Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 10Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
2.2
Arm Cortex-M0+ core with MPU
The BlueNRG-LPS contains an Arm Cortex-M0+ microcontroller core. The Arm® Cortex®-M0+ was developed to
provide a low-cost platform that meets the needs of CPU implementation, with a reduced pin count and low-power
consumption, while delivering outstanding computational performance and an advanced response to interrupts.
The Arm Cortex-M0+ can run from 1 MHz up to 64 MHz.
The Arm Cortex-M0+ processor is built on a highly area and power optimized 32-bit processor core, with a
2-stage pipeline Von Neumann architecture. The processor delivers exceptional energy efficiency through a small
but powerful instruction set and extensively optimized design, providing high-end processing hardware including a
single-cycle multiplier.
The interrupts are handled by the Arm Cortex-M0+ Nested Vector Interrupt Controller (NVIC). The NVIC controls
specific Arm Cortex-M0+ interrupts as well as the BlueNRG-LPS peripheral interrupts. With its embedded ARM
core, the BlueNRG-LPS family is compatible with all ARM tools and software.
2.3
Memories
2.3.1
Embedded flash memory
The flash controller implements the erase and program flash memory operation. The flash controller also
implements the read and write protection.
The flash memory features are:
Memory organization:
1 bank of 192 Kbytes
Page size: 2 Kbytes
Page number 96
32-bit wide data read/write
Page erase and mass erase
The flash controller features are:
flash memory read operations: single read or mass read
flash memory write operations: single data write or 4x32-bits burst write or mass write
flash memory erase operations: page erase or mass erase
page write protect mechanism: 4 variable-size memory segments
2.3.2
Embedded SRAM
The BlueNRG-LPS has a total of 24 Kbytes of embedded SRAM, split into two banks as shown in the following
table:
Table 1. SRAM overview
SRAM bank
Size
Address
Retained in DEEPSTOP
SRAM0
12 Kbytes
0x2000 0000
Always
SRAM1
12 Kbytes
0x2000 3000
Programmable by the user
2.3.3
Embedded ROM
The BlueNRG-LPS has a total of 7 Kbytes of embedded ROM. This area is ST reserved and contains:
The UART bootloader from which the CPU boots after each reset (first 6 Kbytes of ROM memory)
Some ST reserved values including the ADC trimming values (the last 1 Kbyte of ROM memory)
2.3.4
Embedded OTP
The one-time-programmable (OTP) is a memory of 1 Kbyte dedicated for user data. The OTP data cannot be
erased.
The user can protect the OTP data area by writing the last word at address 0x1000 1BFC and by performing a
system reset. This operation freezes the OTP memory from further unwanted write operations.
BlueNRG-LPS
Arm Cortex-M0+ core with MPU
DS13819 - Rev 4
page 7/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com