Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-332VC Datasheet(PDF) 48 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 48 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 44Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 45Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 46Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 47Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 48Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 49Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 50Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 51Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
6.3.18
ADC characteristics
Table 38. ADC characteristics (HSI must be set to PLL mode)
Symbol
Parameter
Test conditions
Min. Typ.
Max
.
Units
Channels
Diff
Number of channels for differential
mode
QFN32, WLCSP36
-
-
4
-
Channels
SE
Number of channels for single ended
mode
QFN32, WLCSP36
-
-
8
-
IBATADCBIA
S
ADC biasing consumption at battery
Biasing blocks turned on
-
145
-
µA
IBATADCACT
IVE
ADC active consumption at battery
ADC activated in differential mode
-
185
-
µA
VDDA_VCAP
Analog supply voltage
-
1.2
-
1.32
V
RAIN
Input impedance
In DC
-
250
-
kΩ
Rin
Internal access resistance
VBOOST is enabled for VDD < 2.7 V
-
-
550
Cin
Input sampling capacitor
-
-
4
-
pF
Ts
Sampling period
Default configuration
-
1
-
µs
Tsw
Sampling time
Default configuration
-
125
-
ns
DR
Output data rate
-
-
200
-
k samples/s
FRMToutput
Output data format
-
-
16
-
bits
TL
Latency time
200 kSps
-
5
-
µs
TSTARTUP
Start-up time
From ADC enable to conversion start
-
-
1
µs
DNL
Differential non-linearity
-
-
±0.7
-
bit
INL
Integral non-linearity
-
-
±1
-
bit
SNR Diff
Signal to noise ratio
Differential input
@1 kHz, -1 dBFs, Fs = 800 kHz,
DS=4
-
72
-
dB
STHD Diff
Signal to THD ratio (10 harmonics)
Differential input
@1 kHz, -1 dBFs, Fs = 800 kHz, DS
= 4
-
75
-
dB
ENOB Diff
Effective number of bits
Differential input
@1 kHz, -1 dBFs, Fs = 800 kHz, DS
= 4
-
11.5
-
bits
SNR SE
Signal-to-noise ratio
Single ended
@1 kHz, -1 dBFs, Fs = 800 kHz, DS
= 4
-
70
-
dB
STHD SE
Signal-to THD ratio (10 harmonics)
Single ended
@1 kHz, -1 dBFs, Fs = 800 kHz, DS
= 4
-
70
-
dB
ENOB SE
Effective number of bits
Single ended
@1 kHz, -1 dBFs, Fs = 800 kHz, DS
= 4
-
11
-
bits
-
ADC_ERR_1V7
Absolute error when used for battery
measurements at 1.7 V, 2.4 V, 3.0 V,
3.6 V
-
13
-
mV
-
ADC_ERR_2V4
-
0
-
-
ADC_ERR_3V0
-
-9
-
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 48/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com