Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0004 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 31Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 32Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 33Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 34Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 35Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 36Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 37Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 38Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
35 of 47
March 31, 2008
IDT80KSW0004
Datasheet
Writes during Configuration Register Access
A write is performed by shifting the CRA OPcode into the Instruction Register (IR), then shifting in first a read / write select bit, then both the 22-bit
target address and 32-bit data into the Data Register (DR). When bit 0 of the data stream is 0, data shifted in after the address will be written to the
address specified in jtag_config_addr. The TDO pin will transmit all 0s. See the figure below for the associated timing diagram.
Figure 25 Implementation of write during configuration register access
Bits
Field Name
Size
Description
0
jtag_config_wr_n
1
1 – read configuration register
0 – write configuration register
Bits
Field Name
Size
Description
[22:1]
jtag_config_addr
22
Starting address of the memory mapped configuration regis-
ter. 22 address bits map to a unique double-word aligned on
a 32-bit boundary. This provides accessibility to and is con-
sistent with the sRIO memory mapping.
[54:23]
jtag_config_data
32
Reads: Data shifted out (one 32-bit word per read) is read
from the configuration register at address jtag_config_addr.
Writes: Data shifted in (one 32-bit word per write) is written to
the configuration register at address jtag_config_addr.
Table 30 Data stream for JTAG Configuration Register Access mode
Shift_dr
Capture _dr
Shift_dr
Pause_dr
Exit1_dr
Exit2_dr
Update_dr
Exit1_dr
Exit2_dr
Pause_dr
Select_dr_scan
TAP controller
state
TDO
Z
ZZ
Internal
address
Address
Internal
data
Data
Address
Data
TDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com