Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0004 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 12Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 13Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 14Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 15Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 16Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 17Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 18Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 19Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16 of 47
March 31, 2008
IDT80KSW0004
Datasheet
I2C AC Electrical Specifications
Table 11 Specifications of the SDA and SCL bus lines for F/S-mode I2C -bus devices
NOTES:
1. For more information, see the I2C-Bus specification by Philips Semiconductor [1].
2. A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHMIN of the SCL signal) to bridge the unde-
fined region of the falling edge of SCL.
3. The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
4. A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tSU;DAT > 250 ns must then be met. This will
automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL
signal, it must output the next data bit to the SDA line tRMAX + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard-mode I2C-bus specifica-
tion) before the SCL line is released.
Signal
Symbol Reference
Edge
Standard
Mode
Fast
Mode
Unit
Min
Max
Min
Max
I2C(1,4)
SCL
fSCL
none
0
100
0
400
kHz
tHD;STA
4.0
—
0.6
—
µs
tR
—
1000
—
300
µs
tF
—300
—300
µs
SDA(2,3)
tSU;DAT
SCL rising
250
—
100
—
µs
tHD;DAT
03.450
0.9
µs
tR
—
1000
10
300
µs
tF
—
300
10
300
µs
Start or repeated start
condition
tSU;STA
SDA falling
4.7
—
0.6
—
µs
tSU;STO
4.0
—
0.6
—
µs
Stop condition
tSU;STO
SDA rising
4.0
—
0.6
—
µs
Bus free time between
a stop and start condi-
tion
tBUF
4.7
—
1.3
—
µs
Capacitive load for
each bus line
Cb
—400
—400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com