Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0004 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 38Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 39Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 40Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 41Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 42Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 43Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 44Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 45Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
42 of 47
March 31, 2008
IDT80KSW0004
Datasheet
20 Package Specifications
Package Physical & Thermal Specifications
Package: Super FlipChip FCBGA (AR324)
Dimensions: 19 x 19 mm
Ball Count: 324
Ball Diameter: 0.6mm
Ball Pitch: 1.0mm
Estimated Theta JA = {18.2C/W @ 0m/s, 11.1 C/W @ 1m/s, 9.4 C/W @ 2m/s}
Estimated Theta JC = 0.2 C/W
VDD
1.2V Digital
Power (CMOS)
Digital VDD. All pins must be tied to single potential power supply
plane.
VDD3
3.3V Digital
Power (CMOS)
Digital Interface VDD. All pins must be tied to single potential
power supply plane.
VDDA
Analog Power
(CMOS)
Analog power. VDDS & VDDA may be tied to a common power
plane. VDD (core, digital supply) should have its own supply and
plane.
VDDS
SERDES Power
(CMOS)
Analog power for TX/RX pairs. VDDS & VDDA may be tied to a
common power plane. VDD (core, digital supply) should have its
own supply and plane.
Pin
Name
Function
Supply / Interface
Pin Function Description
Table 36 Pin Summary (Alphabetical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com