Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0004 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 40Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 41Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 42Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 43Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 44Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 45Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 46Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 47Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 48Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
46 of 47
March 31, 2008
IDT80KSW0004
Datasheet
23 Ordering Information
24 Revision History
3/26/2008: Rev 0. Initial Release
XXXXX
AA
Device
Type
Package
Process/
Temperature
Range
Blank
I
Commercial (0°C to+70°C)
Industrial (-40°C to+85°C)
AR
80KSW0004
324-Pin RoHS Compliant FCBGA
Cental Packet Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com