Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0004 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 8Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 9Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 10Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 11Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 12Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 13Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 14Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 15Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
12 of 47
March 31, 2008
IDT80KSW0004
Datasheet
13 I2C-Bus
The CPS-12 is compliant with the I2C specification [1]. This specification provides all functional detail and electrical specifications associated with the
I2C bus. This includes signaling, addressing, arbitration, AC timing, DC specifications, and other details.
The I2C bus is comprised of Serial Data (SDA) and Serial Clock (SCL) pins. It can be used to attach a CPU or a configuration memory. The I2C
interface supports Fast/Standard (F/S) mode (400/ 100 kHz).
I2C master mode and slave mode
The CPS-12 device supports both master mode and slave mode. It’s selected by MM static configuration pin. Refer to following for signaling and
operation.
I2C Device Address
The device address for the CPS-12 is fully pin-defined by 10 external pins while in slave mode. This provides full flexibility in defining the slave
address to avoid conflicting with other I2C devices on a given bus. The CPS-12 may be operated as either a 10-bit addressable device or a 7-bit
addressable device based on another external pin, address select (ADS). If the ADS pin is tied to Vdd, then the CPS-12 operates as a 10-bit
addressable device and the device address will be defined as ID[9:0]. If the ADS pin is tied to GND, then the CPS-12 operates as a 7-bit addressable
device with the device address defined by ID[6:0]. The addressing mode must be established at power-up and remain static throughout operation.
Dynamic changes will result in undetermined behavior.
Table 8 I2C static address selection pin configuration
All of the CPS-12’s registers are addressable through I2C. These registers are accessed via 22-bit addresses and 32-bit word boundaries though
standard reads and writes. These registers may also be accessed through the sRIO and JTAG interfaces.
Signaling
Communication with the CPS-12 on the I2C bus follows these three cases:
1) Suppose a master device wants to send information to the CPS-12:
–
Master device addresses CPS-12 (slave)
–
Master device (master-transmitter), sends data to CPS-12 (slave- receiver)
–
Master device terminates the transfer
2) If a master device wants to receive information from the CPS-12:
–
Master device addresses CPS-12 (slave)
–
Master device (master-receiver) receives data from CPS-12 (slave- transmitter)
–
Master device terminates the transfer.
Pin
I2C Address Bit (pin_addr)
ID0
0
ID1
1
ID2
2
ID3
3
ID4
4
ID5
5
ID6
6
ID7
7 (don’t care in 7-bit mode)
ID8
8 (don’t care in 7-bit mode)
ID9
9 (don’t care in 7-bit mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com