Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0004 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 6Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 7Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 8Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 9Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 10Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 11Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 12Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 13Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10 of 47
March 31, 2008
IDT80KSW0004
Datasheet
Switch Latency in “Store-and-Forward” mode
Table 5 Switch Latency Table (Store-and-Forward mode)
1) Values are guaranteed by characterization, but are not production tested.
2) For those specifications associated with an sRIO transaction, it should be noted that the upper limit to a specification may be dictated by sRIO
priority handling. For example, a maintenance read packet having lower priority may be held off until higher priority packets in queue are serviced.
The user should take into consideration this additional priority-induced delay when examining these specifications. I2C and JTAG transactions are
always deterministic and follow these specifications identically.
3) Switch latency is a statistical function, which typically increases with increased traffic loading on the switch. Values shown in Table 5 are for
single input port to single output port with matching input and output port rates in “Store-and-Forward” mode, no other switch loading. The switch
latency in “Store-and-Forward” packet forward methodology is also a strong function of port rate. For specific values under other specific applica-
tion usage scenarios and traffic conditions, please contact IDT technical support.
Switch Latency in “Cut-Through” mode
Table 6 Switch Latency Table (Cut-Through mode)
1) Values shown in Table 6 are typical for single input port to single output port with matching input and output port rates in “Cut-Through” mode,
no other switch loading. For specific values under other specific application usage scenarios and traffic conditions, please contact IDT technical
support.
Note:
In "Store-and-Forward" mode and "Cut-Through" mode when trace and filter are enabled at the same time, the latency for packets sent to the
trace port will increase by the time taken to send 20 bytes into the port ([20 bytes * 8 ] * 1/[port_speed * 0.8]). The latency for other traffic flow will
be unaffected.
Pay Load Size
1.25GHz
2.5GHz
3.125GHz
1X
4X
1X
4X
1X
4X
8 Byte
456 ns
343 ns
277 ns
225 ns
246 ns
209 ns
16 Byte
517 ns
360 ns
311 ns
231 ns
267 ns
213 ns
32 Byte
652 ns
435 ns
375 ns
272 ns
320 ns
239 ns
64 Byte
902 ns
500 ns
501 ns
305 ns
422 ns
263 ns
128 Byte
1425 ns
722 ns
757 ns
417 ns
630 ns
352 ns
256 Byte
2451 ns
1071 ns
1273 ns
590 ns
1035 ns
492 ns
Multicast Event
Control Symbol
115 ns
105 ns
60 ns
55 ns
50 ns
45 ns
Pay Load Size
1.25GHz
2.5GHz
3.125GHz
1X
4X
1X
4X
1X
4X
8 Byte
366 ns
322 ns
244 ns
216 ns
208 ns
199 ns
16 Byte
363 ns
324 ns
234 ns
215 ns
206 ns
197 ns
32 Byte
365 ns
316 ns
232 ns
215 ns
205 ns
198 ns
64 Byte
365 ns
318 ns
234 ns
219 ns
204 ns
198 ns
128 Byte
372 ns
314 ns
233 ns
217 ns
210 ns
196 ns
256 Byte
371 ns
312 ns
238 ns
216 ns
205 ns
195 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com