Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80KSW0004 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 24Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 25Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 26Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 27Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 28Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 29Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 30Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 31Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28 of 47
March 31, 2008
IDT80KSW0004
Datasheet
17 JTAG Interface
Description
The CPS-12 offers full JTAG (Boundary Scan) support for both its slow speed and high speed pins. This allows “pins-down” testing of newly manufac-
tured printed circuit boards as well as troubleshooting of field returns. The JTAG TAP interface also offers an alternative method for Configuration
Register Access (CRA) (along with the sRIO and I2C ports). Thus this port may be used for programming the CPS-12’s many registers.
Boundary scan testing of the AC-coupled IOs is performed in accordance with IEEE 1149.6 (AC Extest).
IEEE 1149.1 (JTAG) & IEEE 1149.6 (AC Extest) Compliance
All DC pins are in full compliance with IEEE 1149.1 [10]. All AC-coupled pins fully comply with IEEE 1149.6 [11]. All 1149.1 and 1149.6 boundary
scan cells are on the same chain. No additional control cells are provided for independent selection of negative and/or positive terminals of the TX- or
RX-pairs.
System Logic TAP Controller Overview
The system logic utilizes a 16-state, six-bit TAP controller, a four-bit instruction register, and five dedicated pins to perform a variety of functions. The
primary use of the JTAG TAP Controller state machine is to allow the five external JTAG control pins to control and access the CPS-12's many
external signal pins. The JTAG TAP Controller can also be used for identifying the device part number. The JTAG logic of the CPSCPS is depicted in
the figure below.
Figure 19 Diagram of the JTAG Logic
Bypass Register
Instruction Register Decoder
4-Bit Instruction Register
Tap Controller
m
u
x
m
u
x
Device ID Register
Boundary Scan Register
TDI
TMS
TCK
TRST
TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com