Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250 Datasheet(PDF) 55 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 51Page - STMicroelectronics SN250 Datasheet HTML 52Page - STMicroelectronics SN250 Datasheet HTML 53Page - STMicroelectronics SN250 Datasheet HTML 54Page - STMicroelectronics SN250 Datasheet HTML 55Page - STMicroelectronics SN250 Datasheet HTML 56Page - STMicroelectronics SN250 Datasheet HTML 57Page - STMicroelectronics SN250 Datasheet HTML 58Page - STMicroelectronics SN250 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 130 page
background image
SN250
Functional description—application modules
55/130
SC1_UARTFRAC [0x44B6]
SC1_UARTCFG [0x44AE]
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SC1_
UARTFRAC
0-R
7
0-R
6
0-R
5
0-R
4
0-R
3
0-R
2
0-R
1
0-RW
0
SC1_UARTFRAC
[0]
The baud rate fractional remainder (F) of the clock rate as derived from the equation:
15
0-R
14
0-R
13
0-R
12
0-R
11
0-R
10
0-R
9
0-R
8
0-R
0
0
0
0
0
0
0
0
0
SC1_
UARTAUTO
SC1_
UARTFLOW
SC1_
UARTODD
SC1_
UARTPAR
SC1_
UART2STP
SC1_
UART8BIT
SC1_
UARTRTS
0-R
7
0-RW
6
0-RW
5
0-RW
4
0-RW
3
0-RW
2
0-RW
1
0-RW
0
SC1_UARTAUTO
[6]
Set this bit to enable automatic nRTS assertion by hardware. nRTS will be deasserted
when the UART can receive only one more character before the buffer is full. nRTS
will be reasserted when the UART can receive more than one character before the
buffer is full. The SC1_UARTRTS bit in this register has no effect when this bit is set.
SC1_UARTFLOW
[5]
Set this bit to enable nRTS/nCTS signals. Clear this bit to disable the signals. When
this bit is cleared, the nCTS signal is asserted in hardware to enable the UART
transmitter. The GPIO_CFG register should be configured for mode SC1-4A for
hardware handshake with nRTS/nCTS and SC1-2 for no handshaking.
SC1_UARTODD
[4]
Clear this bit for even parity. Set this bit for odd parity.
SC1_UARTPAR
[3]
Clear this bit for no parity. Set this bit for one parity bit.
SC1_UART2STP
[2]
Clear this bit for one stop bit. Set this bit for two stop bits
SC1_UART8BIT
[1]
Clear this bit for seven data bits. Set this bit for eight data bits.
SC1_UARTRTS
[0]
RTS is an output signal. When this bit is set, the signal is asserted (== TTL logic 0,
GPIO is low, ’XON’, RS232 positive voltage), the transmission will proceed. When this
bit is cleared, the signal is deasserted (== TTL logic 1, GPIO is high, ’XOFF’, RS232
negative voltage), the transmission is inhibited.
Rate
24MHz
2N
0.5 F
⋅
()
+
()
⋅
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com