Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 23Page - STMicroelectronics SN250 Datasheet HTML 24Page - STMicroelectronics SN250 Datasheet HTML 25Page - STMicroelectronics SN250 Datasheet HTML 26Page - STMicroelectronics SN250 Datasheet HTML 27Page - STMicroelectronics SN250 Datasheet HTML 28Page - STMicroelectronics SN250 Datasheet HTML 29Page - STMicroelectronics SN250 Datasheet HTML 30Page - STMicroelectronics SN250 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 130 page
background image
SN250
Functional description—system modules
27/130
for higher ESR, the cost decreases but the current consumption increases. Therefore, the
designer can choose a crystal to fit the needs of the application.
Table 12 lists the specifications for the high-frequency crystal.
6.10.2
Low-frequency oscillator
The optional low-frequency crystal source for the SN250 is a 32.768kHz crystal. Table 13
lists the requirements for the low-frequency crystal. The low-frequency crystal may be used
for applications that require greater accuracy than can be provided by the internal RC
oscillator. The crystal oscillator has been designed to accept any standard watch crystal
with an ESR of 100 k
Ω.
Table 12.
High-frequency crystal specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Frequency
24
MHz
Duty cycle
40
60
%
Phase noise from 1kHz to
100kHz
− 120
dBc/Hz
Accuracy
Initial, temperature, and aging
− 40
+ 40
ppm
Crystal ESR
Load capacitance of 10pF
100
Ω
Crystal ESR
Load capacitance of 18pF
60
Ω
Start-up time to stable clock
(max. bias)
1ms
Start-up time to stable clock
(optimum bias)
2ms
Current consumption
Good crystal: 20
Ω ESR, 10pF
load
0.2
0.3
mA
Current consumption
Worst-case crystals (60
Ω, 18pF
or 100
Ω, 10pF)
0.5
mA
Current consumption
At maximum bias
1
mA
Table 13.
Low-Frequency Crystal Specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Frequency
32.768
kHz
Accuracy
Initial, temperature, and aging
− 100
+ 100
ppm
Load capacitance (double
this each side to ground)
12.5
pF
Crystal ESR
100
k
Ω
Start-up time
1
S
Current consumption
0.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com