Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 25Page - STMicroelectronics SN250 Datasheet HTML 26Page - STMicroelectronics SN250 Datasheet HTML 27Page - STMicroelectronics SN250 Datasheet HTML 28Page - STMicroelectronics SN250 Datasheet HTML 29Page - STMicroelectronics SN250 Datasheet HTML 30Page - STMicroelectronics SN250 Datasheet HTML 31Page - STMicroelectronics SN250 Datasheet HTML 32Page - STMicroelectronics SN250 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 130 page
background image
SN250
Functional description—system modules
29/130
6.13
Sleep timer
The 16-bit sleep timer is contained in the always-powered digital block. It has the following
features:
●
Two output compare registers, with interrupts
●
Only Compare A Interrupt generates Wake signal
●
Further clock divider of 2N, for N = 0 to 10
The clock source for the sleep timer can be either the 32.768 kHz clock or the calibrated
1kHz clock (see Table 15). After choosing the clock source, the frequency is slowed down
with a 2N prescaler to generate the final timer clock (see Table 16). Legal values for N are 0
to 10. The slowest rate the sleep timer counter wraps is 216
∗ 210 / 1kHz ≈ 67109 sec. ≈
about 1118.48 min.
≈ 18.6 hrs.
The ZNet software allows the application to define the clock source and prescaler value.
Therefore, a programmable sleep/wake duty cycle can be configured according to the
application requirements.
6.14
Power management
The SN250 supports three different power modes: processor ACTIVE, processor IDLE, and
DEEP SLEEP.
The IDLE power mode stops code execution of the XAP2b until any interrupt occurs or an
external SIF wakeup command is seen. All peripherals of the SN250 including the radio
continue to operate normally.
The DEEP SLEEP power mode powers off most of the SN250 but leaves the critical chip
functions, such as the GPIO pads and RAM powered by the High Voltage Supply
(VDD_PADS). The SN250 can be woken by configuring the sleep timer to generate an
interrupt after a period of time, using an external interrupt, or with the SIF interface. Activity
on a serial interface may also be configured to wake the SN250, though actual reception of
data is not re-enabled until the SN250 has finished waking up. Depending on the speed of
the serial data, it is possible to finish waking up in the middle of a byte. Care must be taken
to reset the serial interface between bytes and discard any garbage data before the rest.
Another condition for wakeup is general activity on GPIO pins. The GPIO activity monitoring
is described in Section 7.1.
When in DEEP SLEEP, the internal regulator is disabled and VREG_OUT is turned off. All
GPIO output signals are maintained in a frozen state. Additionally, the state of all registers in
Table 15.
Sleep timer clock source selection
CLK_SEL
Clock Source
0
Calibrated 1kHz clock
1
32.768kHz clock
Table 16.
Sleep timer clock source prescaling
CLK_DIV[3:0]
Clock Source Prescale Factor
N = 0..10
2N
N = 11..15
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com