Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 15Page - STMicroelectronics SN250 Datasheet HTML 16Page - STMicroelectronics SN250 Datasheet HTML 17Page - STMicroelectronics SN250 Datasheet HTML 18Page - STMicroelectronics SN250 Datasheet HTML 19Page - STMicroelectronics SN250 Datasheet HTML 20Page - STMicroelectronics SN250 Datasheet HTML 21Page - STMicroelectronics SN250 Datasheet HTML 22Page - STMicroelectronics SN250 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 130 page
background image
SN250
Electrical characteristics
19/130
5.5.2
Transmit
Table 8 lists the key parameters of the integrated IEEE 802.15.4 transmitter on the SN250.
5.5.3
Synthesizer
Table 9 lists the key parameters of the integrated synthesizer on the SN250.
Table 8.
Transmit characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Maximum output power (boost
mode)
At highest power setting
5
dBm
Maximum output power
At highest power setting
0
3
dBm
Minimum output power
At lowest power setting
− 32
dBm
Error vector magnitude
As defined by IEEE
802.15.4, which sets a
35% maximum
15
25
%
Carrier frequency error
− 40
+ 40
ppm
Load impedance
200
Ω
PSD mask relative
3.5MHz away
− 20
dB
PSD mask absolute
3.5MHz away
− 30
dBm
Table 9.
Synthesizer characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Frequency range
2400
2500
MHz
Frequency resolution
11.7
kHz
Lock time
From off, with correct VCO DAC
setting
100
μs
Relock time
Channel change or RX/TX
turnaround (IEEE 802.15.4 defines
192
μs turnaround time)
100
μs
Phase noise at 100kHz
− 71
dBc/Hz
Phase noise at 1MHz
− 91
dBc/Hz
Phase noise at 4MHz
− 103
dBc/Hz
Phase noise at 10MHz
− 111
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com