Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 7Page - STMicroelectronics SN250 Datasheet HTML 8Page - STMicroelectronics SN250 Datasheet HTML 9Page - STMicroelectronics SN250 Datasheet HTML 10Page - STMicroelectronics SN250 Datasheet HTML 11Page - STMicroelectronics SN250 Datasheet HTML 12Page - STMicroelectronics SN250 Datasheet HTML 13Page - STMicroelectronics SN250 Datasheet HTML 14Page - STMicroelectronics SN250 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
SN250
Pin assignment
11/130
41
GPIO15
I/O
Digital I/O
(enable GPIO15 with GPIO_CFG[2])
TMR1OA
O
Waveform Output A of Timer 1
(enable TMR1OA with GPIO_CFG[2])
TMR2IA.3
I
Capture Input A of Timer 2
(enable CAP2-2 with GPIO_CFG[7:4])
IRQC
I
External interrupt source C
42
GPIO14
I/O
Digital I/O
(enable GPIO14 with GPIO_CFG[1])
TMR2OB
O
Waveform Output B of Timer 2
(enable TMR2OB with GPIO_CFG[1])
TMR1IB.3
I
Capture Input B of Timer 1
(enable CAP1-2 with GPIO_CFG[7:4])
IRQB
I
External interrupt source B
43
GPIO13
I/O
Digital I/O
(enable GPIO13 with GPIO_CFG[0])
TMR2OA
O
Waveform Output A of Timer 2
(enable TMR2OA with GPIO_CFG[0])
TMR1IA.3
I
Capture Input A of Timer 1
(enable CAP1-2 or CAP1-2h with GPIO_CFG[7:4])
44
VDD_CORE
Power
1.8V digital core supply
45
VDD_PRE
Power
1.8V prescaler supply
46
VDD_SYNTH
Power
1.8V synthesizer supply
47
OSCB
I/O
24MHz crystal oscillator or left open when using external clock input on
OSCA
48
OSCA
I/O
24MHz crystal oscillator or external clock input
49
GND
Ground
Ground supply pad in the bottom center of the package forms Pin 49 (see
the SN250 Reference Design for PCB considerations)
Table 1.
Pin descriptions (continued)
Pin #
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com