Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250 Datasheet(PDF) 45 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 41Page - STMicroelectronics SN250 Datasheet HTML 42Page - STMicroelectronics SN250 Datasheet HTML 43Page - STMicroelectronics SN250 Datasheet HTML 44Page - STMicroelectronics SN250 Datasheet HTML 45Page - STMicroelectronics SN250 Datasheet HTML 46Page - STMicroelectronics SN250 Datasheet HTML 47Page - STMicroelectronics SN250 Datasheet HTML 48Page - STMicroelectronics SN250 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 130 page
background image
SN250
Functional description—application modules
45/130
7.2.1
UART mode
The SC1 UART controller is enabled with SC1_MODE set to 1.
The UART mode contains the following features:
Baud rate (300 bps up to 921 Kbps)
Data bits (7 or 8)
Parity bits (none, odd, or even)
Stop bits (1 or 2)
The following signals can be made available on GPIO pins:
TXD
RXD
nRTS (optional)
nCTS (optional)
The SC1 UART module obtains its reference baud-rate clock from a programmable baud
generator. Baud rates are set by a clock division ratio from the 24MHz clock:
rate = 24MHz / ( 2
∗ ( N + (0.5 ∗ F) ) )
The integer portion, N, is written to the SC1_UARTPER register and the fractional remainder,
F, to the SC1_UARTFRAC register. Table 19 lists the supported baud rates with associated
baud rate error. The minimum allowable setting for SC1_UARTPER is 8.
The UART module supports various frame formats depending upon the number of data bits
(SC1_UART8BIT), the number of stop bits (SC1_UART2STP), and the parity (SC1_UARTPAR
plus SC1_UARTODD). The register bits SC1_UART8BIT, SC1_UART2STP, SC1_UARTPAR,
and SC1_UARTODD are defined within the SC1_UARTCFG register. In addition, the UART
module supports flow control by setting SC1_UARTFLOW, SC1_UARTAUTO, and
SC1_UARTRTS
in the SC1_UARTCFG register (see Table 20).
Table 19.
UART baud rates
Baud Rate (bps)
SC1_UARTPER
SC1_UARTFRAC
Baud Rate Error (%)
300
40000
0
0
4800
2500
0
0
9600
1250
0
0
19200
625
0
0
38400
312
1
0
57600
208
1
− 0.08
115200
104
0
0.16
460800
26
0
0.16
921600
13
0
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com