Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN250 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 14Page - STMicroelectronics SN250 Datasheet HTML 15Page - STMicroelectronics SN250 Datasheet HTML 16Page - STMicroelectronics SN250 Datasheet HTML 17Page - STMicroelectronics SN250 Datasheet HTML 18Page - STMicroelectronics SN250 Datasheet HTML 19Page - STMicroelectronics SN250 Datasheet HTML 20Page - STMicroelectronics SN250 Datasheet HTML 21Page - STMicroelectronics SN250 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 130 page
background image
Electrical characteristics
SN250
18/130
5.5
RF electrical characteristics
5.5.1
Receive
Table 7 lists the key parameters of the integrated IEEE 802.15.4 receiver on the SN250.
.
Table 7.
Receive characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Frequency range
2400
2500
MHz
Sensitivity (boost mode)
1% PER, 20byte packet
defined by IEEE 802.15.4
− 93
− 98
dBm
Sensitivity
1% PER, 20byte packet
defined by IEEE 802.15.4
− 92
− 97
dBm
High-side adjacent channel
rejection
IEEE 802.15.4 signal at
− 82dBm
35
dB
Low-side adjacent channel
rejection
IEEE 802.15.4 signal at
− 82dBm
35
dB
2nd high-side adjacent channel
rejection
IEEE 802.15.4 signal at
− 82dBm
40
dB
2nd low-side adjacent channel
rejection
IEEE 802.15.4 signal at
− 82dBm
40
dB
Channel rejection for all other
channels
IEEE 802.15.4 signal at
− 82dBm
40
dB
802.11g rejection centered at
+
12MHz or
− 13MHz
IEEE 802.15.4 signal at
− 82dBm
40
dB
Maximum input signal level for
correct operation (low gain)
0dBm
Image suppression
30
dB
Co-channel rejection
IEEE 802.15.4 signal at
− 82dBm
− 6dBc
Relative frequency error
(2x40 ppm required by IEEE
802.15.4)
− 120
+ 120
ppm
Relative timing error
(2x40 ppm required by IEEE
802.15.4)
− 120
+ 120
ppm
Linear RSSI range
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com