Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP96002UM/AD Datasheet(PDF) 67 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 63Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 64Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 65Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 66Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 67Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 68Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 69Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 70Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
Packaging
PGA Package
MOTOROLA
DSP96002/D, Rev. 2
3-7
J15
Input
GNDQ
J16
Input/Output
AD24
J17
Input/Output
AD25
J18
Input/Output
AD23
K1
Input/Output
BA04
K2
Input/Output
BA05
K3
Input/Output
BA06
K4
Input
VCCN
K15
Input
GNDQ
K16
Input/Output
AD20
K17
Input/Output
AD21
K18
Input/Output
AD22
L1
Input/Output
BA03
L2
Input/Output
BA01
L3
Input/Output
BA02
L4
Input
VCCN
L15
Input
VCCQ
L16
Input/Output
AD16
L17
Input/Output
AD18
L18
Input/Output
AD19
M1
Input/Output
BA00
M2
Output
BS1
M3
Output
BS0
M4
Input
GNDN
M15
Input
VCCN
M16
Input
VCCN
M17
Input
ADE
M18
Input/Output
AD17
N1
Input
BAE
N2
Output
TIO1
N3
Input/Output
BWR
N4
Input
GNDN
N15
Input
GNDN
N16
Input/Output
AD11
N17
Input/Output
AD14
N18
Input/Output
AD15
Table 3-1
DSP96002 Pin List, 223-pin PGA Package (Continued)
Pin
Number
Signal Type
Signal Name
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com