Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP96002UM/AD Datasheet(PDF) 87 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 83Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 84Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 85Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 86Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 87Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 88Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 89Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 90Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 111 page
background image
Design Considerations
Power-Up Considerations
MOTOROLA
DSP96002/D, Rev. 2
4-5
POWER-UP CONSIDERATIONS
To power-up the device properly, ensure that the following conditions are met:
•
Stable power is applied to the device according to the specifications in
Table 2-3
(DC Electrical Characteristics).
•
The external clock oscillator is active and stable.
•
RESET is asserted according to the specifications in Table 2-7 (Reset, Stop,
Mode Select, and Interrupt Timing).
Care should be taken to ensure that the maximum ratings for all input voltages
obey the restrictions on Table 2-1 (Maximum Ratings), at all phases of the power-
up procedure. This may be achieved by powering the external clock, hardware
reset, and mode selection circuits from the same power supply that is connected
to the power supply pins of the chip.
At the beginning of the hardware reset procedure, the device might consume
significantly more current than the specified typical supply current. This is
because of contentions among the internal nodes being affected by the hardware
reset signal until they reach their final hardware reset state.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com