Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP96002UM/AD Datasheet(PDF) 12 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 8Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 9Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 10Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 11Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 12Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 13Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 14Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 15Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 111 page
background image
Signal/Connection Descriptions
Port A and Port B
1-8
DSP96002/D, Rev. 2
MOTOROLA
ATT
BTT
Output
Tri-stated
Transfer Type
—TT is an output when the DSP is the bus
master and tri-stated when it is not a bus master. When the
DSP is the bus master, TT is controlled by an on-chip page
circuit. TT is asserted when a fast access memory mode
(Page, Static Column, Nibble or Serial Shift Register) is
detected. If the external bus is not used during an
instruction cycle, or a fault is detected by the page circuit
during an external access, TT remains deasserted. The
parameters of the page circuit fault detection are user
programmable.
ATS
BTS
Input
or
Output
Tri-stated
Transfer Strobe—
TS is an output when the DSP is the bus
master and an input when it is not a bus master. When the
DSP is the bus master, TS is asserted to indicate that the
address lines A0–A31, S1, S0, BS, BL and R/W are stable
and that a bus read or bus write transfer is taking place.
During a read cycle, input data is latched inside the
DSP96002 on the rising edge of TS. During a write cycle,
output data is placed on the data bus after TS is asserted.
Therefore, TS can be used as an output enable control for
external data bus buffers if they are present. If the external
bus is not used during an instruction cycle, TS remains
deasserted until the next external bus cycle. An external
flip-flop can delay TS, if required, for slow devices or more
address decoding time. The TS pin is also the Host Interface
transfer strobe input used to enable the data bus output
drivers during host read operations and to latch data inside
the Host Interface during host write operations. As an
input, TS may change asynchronously relative to the input
clock. Write data is latched inside the Host Interface on the
rising edge of TS. When the DSP is the bus master, the
combination of BS and TS can be decoded externally to
determine the status of the current bus cycle and to
generate hardware strobes useful for latching address and
data signals.
Table 1-6
Port A and Port B (Continued)
Signal
Name
Type
State
During
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com