Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP96002UM/AD Datasheet(PDF) 84 Page - NXP Semiconductors

Part # DSP96002UM/AD
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP96002UM/AD Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button DSP96002UM/AD Datasheet HTML 80Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 81Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 82Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 83Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 84Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 85Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 86Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 87Page - NXP Semiconductors DSP96002UM/AD Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 111 page
background image
Design Considerations
Thermal Design Considerations
4-2
DSP96002/D, Rev. 2
MOTOROLA
The thermal performance of plastic packages is more dependent on the
temperature of the printed circuit board to which the package is mounted. Again,
if the estimations obtained from RθJA do not satisfactorily answer whether the
thermal performance is adequate, a system level model may be appropriate.
A complicating factor is the existence of three common ways for determining the
junction-to-case thermal resistance in plastic packages:
•
To minimize temperature variation across the surface, the thermal
resistance is measured from the junction to the outside surface of the
package (case) closest to the chip mounting area when that surface has a
proper heat sink.
•
To define a value approximately equal to a junction-to-board thermal
resistance, the thermal resistance is measured from the junction to where
the leads are attached to the case.
•
If the temperature of the package case (TT) is determined by a
thermocouple, the thermal resistance is computed using the value
obtained by the equation (TJ – TT)/PD.
As noted above, the junction-to-case thermal resistances quoted in this data sheet
are determined using the first definition. From a practical standpoint, that value
is also suitable for determining the junction temperature from a case
thermocouple reading in forced convection environments. In natural convection,
using the junction-to-case thermal resistance to estimate junction temperature
from a thermocouple reading on the case of the package will estimate a junction
temperature slightly hotter than actual temperature. Hence, the new thermal
metric, Thermal Characterization Parameter or
Ψ
JT, has been defined to be
(TJ – TT)/PD. This value gives a better estimate of the junction temperature in
natural convection when using the surface temperature of the package.
Remember that surface temperature readings of packages are subject to
significant errors caused by inadequate attachment of the sensor to the surface,
and to errors caused by heat loss to the sensor. The recommended technique is to
attach a 40-gauge thermocouple wire and bead to the top center of the package
with thermally conductive epoxy.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com