| Electronic Components Datasheet Search |
|
DSP96002UM/AD Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP96002UM/AD Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 111 page ![]() Signal/Connection Descriptions Port A and Port B 1-6 DSP96002/D, Rev. 2 MOTOROLA PORT A AND PORT B Port A and Port B are identical in pinout and function. The following pin descriptions apply to both ports. Each port may be a bus master and each port has a slave Host Interface which can be accessed on demand. MODC/IRQC Input Input Mode Select C/External Interrupt Request C— This input is internally synchronized to the input clock (CLK). MODC/IRQC selects the initial chip operating mode during hardware reset and becomes a level-sensitive or negative-edge-triggered, maskable interrupt request input during normal instruction processing. MODA, MODB and MODC select one of eight initial chip operating modes latched into the Operating Mode Register (OMR) when the RESET pin is deasserted. If IRQC is asserted synchronous to the input clock (CLK), multiple processors can be resynchronized by using the WAIT instruction and asserting IRQC to exit the Wait state. Table 1-6 Port A and Port B Signal Name Type State During Reset Signal Description AA0–AA31 BA0–BA31 Input or Output Tri-stated Address Bus— A0–A31 specify the address for external program and data memory accesses. If there is no external bus activity, A0–A31 remain at their previous values. The Address Enable (AE) input acts as an output enable control for A0–A31. A0–A31 are stable whenever the transfer strobe TS is asserted and may change only when TS is deasserted. The signal direction depends on whether the DSP is the bus master: • Bus Master —A0–A31 are tri-state, active high outputs. • Not a Bus Master —A2–A5 are active high inputs used to select the Host Interface register. Lines A0– A1 and A6–A31 are tri-stated. As inputs, A2–A5 may change asynchronously relative to the input clock (CLK). Table 1-5 Interrupt and Mode Control (Continued) Signal Name Type State During Reset Signal Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |