Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCF950 Datasheet(PDF) 46 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 46 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 42Page - Oxford Semiconductor OXCF950 Datasheet HTML 43Page - Oxford Semiconductor OXCF950 Datasheet HTML 44Page - Oxford Semiconductor OXCF950 Datasheet HTML 45Page - Oxford Semiconductor OXCF950 Datasheet HTML 46Page - Oxford Semiconductor OXCF950 Datasheet HTML 47Page - Oxford Semiconductor OXCF950 Datasheet HTML 48Page - Oxford Semiconductor OXCF950 Datasheet HTML 49Page - Oxford Semiconductor OXCF950 Datasheet HTML 50Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Page 46
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
the device into 1x isochronous mode, this is explained in
the following section. (TCR has no effect in isochronous
mode). If 0x01, 0x10 or 0x11 is written to TCR the device
will operate in 16x mode.
Reading TCR will always return the last value that was
written to it irrespective of mode of operation.
Clock
Frequency
(MHz)
CPR value
Effective
crystal
frequency
Error from
1.8432MHz
(%)
Max. Baud rate
with CPR = 1,
TCR = 16
Max. Baud rate
with CPR = 1,
TCR = 4
1.8432
0x08 (1.000)
1.8432
0.00
115,200
460,800
7.3728
0x20(4.000)
1.8432
0.00
460,800
1,843,200
14.7456
0x40 (8.000)
1.8432
0.00
921,600
3,686,400
18.432
0x50 (10.000)
1.8432
0.00
1,152,000
4,608,000
32.000
0x8B(17.375)
1.8417
0.08
2,000,000
8,000,000
33.000
0x8F (17.875)
1.8462
0.16
2,062,500
8,250,000
40.000
0xAE (21.750)
1.8391
0.22
2,500,000
10,000,000
50.000
0xD9 (27.125)
1.8433
0.01
3,125,000
12,500,000
60.000*
0xFF (31.875)
1.8824
2.13
3,750,000
15,000,000
Table 37: Example clock options and their associated maximum baud rates
System Clock (MHz)
Sampling
Clock
TCR
Value
1.8432
7.372
14.7456
18.432
32
40
50
60
16
0x00 115,200
460,750 921,600
1.152M
2.00M
2.50M
3.125M
3.75M
15
0x0F 122,880
491,467 983,040 1,228,800 2,133,333 2,666,667 3,333,333
4.00M
14
0x0E 131,657
526,571 1,053,257 1,316,571 2,285,714 2,857,143 3,571,429 4,285,714
13
0x0D 141,785
567,077 1,134,277 1,417,846 2,461,538 3,076,923 3,846,154 4,615,384
12
0x0C 153,600
614,333 1,228,800 1,536,000 2,666,667 3,333,333 4,166,667
5.00M
11
0x0B 167,564
670,182 1,340,509 1,675,636 2,909,091 3,636,364 4,545,455 5,454545
10
0x0A 184,320
737,200 1,474,560 1,843,200
3.20M
4.00M
5.00M
6.00M
9
0x09 204,800
819,111 1,638,400 2,048,000 3,555,556 4,444,444 5,555,556 6,666,667
8
0x08 230,400
921,500 1,843,200 2,304,000
4.00M
5.00M
6.25M
7.50M
7
0x07 263,314 1,053,143 2,106,514 2,633,143 4,571,429 5,714,286 7,142,857 8,571428
6
0x06 307,200 1,228,667 2,457,600 3,072,000 5,333,333 6,666,667 8,333,333 10.00M
5
0x05 368,640 1,474,400 2,949,120 3,686,400
6.40M
8.00M
10.00M
12.00M
4
0x04 460,800 1,843,000 3,686,400 4,608,000
8.00M
10.00M
12.50M
15.00M
Table 38: Maximum Baud Rates Available at all ‘TCR’ Sampling Clock Values
6.10.4 Input Clock Options
A system clock must be applied to XTLI pin on the device.
The speed of this clock determines the maximum baud rate
at which the device can receive and transmit serial data.
This maximum is equal to one sixteenth of the frequency of
the system clock (Increasing to one quarter of this value if
TCR=4 is used).
The industry standard system clock for PC COM ports is
1.8432 MHz, limiting the maximum baud rate to 115.2
Kbps. The OXCF950 supports system clocks up to 60MHz
and its flexible baud rate generation hardware means that
almost any frequency can be optionally scaled down for
compatibility with standard devices.
Designers have the option of using either TTL clock
modules or crystal oscillator circuits for system clock input,
with minimal additional components. The following two
sections describe how each can be connected. Note
restrictions on the maximum clock frequency may apply
when an external EEPROM is being used. The designer
must ensure the clock frequency/64 is within the external
EEPROM’s allowed range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com