Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCF950 Datasheet(PDF) 17 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 17 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 13Page - Oxford Semiconductor OXCF950 Datasheet HTML 14Page - Oxford Semiconductor OXCF950 Datasheet HTML 15Page - Oxford Semiconductor OXCF950 Datasheet HTML 16Page - Oxford Semiconductor OXCF950 Datasheet HTML 17Page - Oxford Semiconductor OXCF950 Datasheet HTML 18Page - Oxford Semiconductor OXCF950 Datasheet HTML 19Page - Oxford Semiconductor OXCF950 Datasheet HTML 20Page - Oxford Semiconductor OXCF950 Datasheet HTML 21Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
Page 17
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
UART Divider/Interrupt Pulse Width Divider register ‘DIV’ (Offset 0x0A)
This register defines the divide values (2^N division) for the clocks to the UART and Interrupt pulse generator signal. This allows
the device to be set up in its lowest power mode possible, and is fully programmable by the host or the EEPROM. The default
value for the UART clock divider provides a clock to the UART of x1. The default value for the Interrupt pulse divider provides a
clock to the interrupt processor of /32. See Section 5.4.1 Note that the UART clock rate should not be changed without then
resetting the UART(see SRT register).
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:6
Reserved
-
R
00
5:3
Uart clock divide value.
The division ratio is 2^N, giving 1, 2, 4, 8, 16, 32, 64, 128
W
R/W
000
2:0
Interrupt Pulse divide value:
This field should be set under the following clock freq. conditions
000 -> when clock frequency is less than 2MHz
001 -> when clock frequency is between 2 and 4MHz
010 -> when clock frequency is between 4 and 8MHz
011 -> when clock frequency is between 8 and 16MHz
100 -> when clock frequency is between 16 and 32MHz
101 -> when clock frequency is between 32 and 64MHz
110 -> RESERVED
111 -> RESERVED
W
R/W
101
Table 9: UART Divider/ Interrupt Pulse Width Divider
Mode Status register ‘MSR’ (Offset 0x0B)
This read only register return the state of the MODE pin (i.e. whether in Normal or Local Bus modes).
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:1
Reserved
-
R
0000000
0
Mode
O = Normal, 1 = Local Bus
-
R
X
Table 10: Mode Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com