Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCF950 Datasheet(PDF) 18 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 18 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 14Page - Oxford Semiconductor OXCF950 Datasheet HTML 15Page - Oxford Semiconductor OXCF950 Datasheet HTML 16Page - Oxford Semiconductor OXCF950 Datasheet HTML 17Page - Oxford Semiconductor OXCF950 Datasheet HTML 18Page - Oxford Semiconductor OXCF950 Datasheet HTML 19Page - Oxford Semiconductor OXCF950 Datasheet HTML 20Page - Oxford Semiconductor OXCF950 Datasheet HTML 21Page - Oxford Semiconductor OXCF950 Datasheet HTML 22Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Page 18
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
Interrupt Status and Control register ‘ISR’ (Offset 0x0C)
This register controls the assertion of interrupts from the User I/O pins (MIO[1:0]) as well as returning the internal status of the
interrupt sources.
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:5
Reserved
-
R
000
4
UART Interrupt status
This bit reflects the state of the internal UART interrupt
-
R
0
3
MIO[1] interrupt mask
When set to ‘1’ allows pin MIO[1] to assert an interrup t on the devices
IREQ# pin. The state of the MIO[1] signal that causes an interrupt is
dependent upon the polarity set by the register fields MIC[3:2].
W
R/W
0
2
MIO[0] interrupt mask
When set to ‘1’ allows pin MIO[0] to assert an interrupt on the devices
IREQ# pin. The state of the MIO[0] signal that causes an interrupt is
dependent upon the polarity set by the register fields MIC[1:0].
W
R/W
0
1
MIO1 Internal state
This bit reflects the state of the internal MIO[1]. The internal MIO[1] signal
reflects the non-inverted or inverted state of MIO[1] pin
-
R
X
0
MIO0 Internal state
This bit reflects the state of the internal MIO[0]. The internal MIO[0] signal
reflects the non-inverted or inverted state of MIO[0] pin
-
R
X
Table 11: Interrupt Status Register
Soft UART/Local Bus reset register ‘SRT’ (Offset 0x0D)
This register controls the soft reset passed to the UART and local bus reset. These reset lines are in addition to the soft reset
that may be produced by the host (bit[7] of the COR register in attribute memory space). Note that the local bus reset is used in
Local Bus mode only and not in Normal mode. Note these bits are not self-clearing.
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
7:2
Reserved
-
R
000000
1
Active high soft reset for UART
W
R/W
0
0
Active high soft reset for Local Bus
W
R/W
0
Table 12: Soft UART / Local Bus Reset (LB reset used in Local Bus Mode only)
Generic Mode Control register ‘GMC’ (Offset 0x0E)
This register provides EEPROM control for the pin-selectable Generic mode. When set, only the bottom 3 address bits are
decoded for UART access, and paging is required to switch to configuration registers. It is up to the user to ensure the CIS tuples
also request only an 8 bit address range if this is programmed via the EEPROM (i.e. CIS entries will be needed as well).
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
0
Generic Mode Address Decode
Enables Generic Mode decoding when ‘1’. This should only be set in
Normal mode (MODE = ‘0’)
This feature is new to OXCF950 rev B
W
R
0
Table 13: Generic Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com