Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCF950 Datasheet(PDF) 56 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 56 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 52Page - Oxford Semiconductor OXCF950 Datasheet HTML 53Page - Oxford Semiconductor OXCF950 Datasheet HTML 54Page - Oxford Semiconductor OXCF950 Datasheet HTML 55Page - Oxford Semiconductor OXCF950 Datasheet HTML 56Page - Oxford Semiconductor OXCF950 Datasheet HTML 57Page - Oxford Semiconductor OXCF950 Datasheet HTML 58Page - Oxford Semiconductor OXCF950 Datasheet HTML 59Page - Oxford Semiconductor OXCF950 Datasheet HTML 60Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
Page 56
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
8 OPERATINGCONDITIONS
Symbol
Parameter
Min.
Max.
Units
VDD
DC supply voltage
-0.3
3.8
V
VIN
DC input voltage
-0.3
VDD + 0.3
V
IOUT
DC output current
+/- 10
mA
TSTG
Storage temperature
-55
125
°C
Table 47: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
VDD
DC supply voltage
2.7
3.6
V
TO
Operating Temperature range
-40
105
°C
Table 48: Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com