| Electronic Components Datasheet Search |
|
OXCF950 Datasheet(PDF) 28 Page - Oxford Semiconductor |
|
|
|||||||||||||||||||||||||||||
OXCF950 Datasheet(HTML) 28 Page - Oxford Semiconductor |
|
28 / 66 page ![]() Page 28 OXCF950 rev B DATA SHEET V 1.0 OXFORD SEMICONDUCTOR LTD. 0x15 0x15 0x07 0x01 0x43 0x46 0x20 0x43 0x41 0x52 0x44 0x00 0x47 0x45 0x4E 0x45 0x52 0x49 0x43 0x00 0x00 0x00 0xFF CISTPL_VERS_1 The Level 1 version / product information tuple provides the host with the following information: • The device supports version 7.1 of the PC Card Specification. • The Manufacturer String is “CF CARD” • The Product String is “GENERIC” The Additional Product Information strings are empty. 0x1A 0x04 0x00 0x04 0xF8 0x0F CISTPL_CONFIG The CISTPL_CONFIG tuple provides basic configuration information including the following: • Base address of the configuration registers (specified as 0xF8) • Which configuration registers are present and supported (Configuration Options Register, Configuration Status Register, Pin Replacement Register, and Socket and Copy Register are supported). • Index of the last Configuration Table Entry (set to 0x04). 0x1B 0x0F 0xC1 0x41 0x99 0x01 0xB5 0x1E 0xA3 0x60 0xF8 0x03 0x07 0xB0 0xFF 0xFF 0x07 CISTPL_CFTABLE_ENTRY This tuple specifies one particular configuration that the device can be used in. Each configuration has an index number, which is used by the host to select it. This configuration has the following properties: • Index is 0x01 • READY signal is active, and configuration is for I/O and Memory mode. • Nominal Vcc is set to be 3.30 volts. • Requests 8 bytes of I/O space, starting at 0x03F8. • Level interrupts, interrupt sharing are supported. • Any interrupt (IRQ0-15) can be used. • Maximum number of identical cards is set to 8. 0x1B 0x05 0x02 0x08 0xA0 0x40 0x07 CISTPL_CFTABLE_ENTRY This configuration is based on the previous configuration, except that it specifies the I/O space can start anywhere. 0x1B CISTPL_CFTABLE_ENTRY This tuple specifies one particular configuration that the device can be used in. Each configuration has an index number, which is used by the host to select it. This |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |