Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCF950 Datasheet(PDF) 34 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 34 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 30Page - Oxford Semiconductor OXCF950 Datasheet HTML 31Page - Oxford Semiconductor OXCF950 Datasheet HTML 32Page - Oxford Semiconductor OXCF950 Datasheet HTML 33Page - Oxford Semiconductor OXCF950 Datasheet HTML 34Page - Oxford Semiconductor OXCF950 Datasheet HTML 35Page - Oxford Semiconductor OXCF950 Datasheet HTML 36Page - Oxford Semiconductor OXCF950 Datasheet HTML 37Page - Oxford Semiconductor OXCF950 Datasheet HTML 38Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
Page 34
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
Register
Name
SPR
Offset 10
R/W
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Indexed Control Register Set
ACR
0x00
R/W
Addit-
ional
Status
Enable
ICR
Read
Enable
950
Trigger
Level
Enable
DTR definition and
control
Auto
DSR
Flow
Control
Enable
Tx
Disable
Rx
Disable
CPR
0x01
R/W
5 Bit “integer” part of
clock prescaler
3 Bit “fractional” part of
clock prescaler
TCR
0x02
R/W
Unused
4 Bit N-times clock
selection bits [3:0]
CKS
0x03
R/W
Tx1x
Mode
Tx CLK
Select
BDOUT
on DTR
DTR 1x
Tx CLK
Rx1x
Mode
Disable
BDOUT
Receiver
Clock Sel[1:0]
TTL
0x04
R/W
Unused
Transmitter Interrupt Trigger Level (0-127)
RTL
0x05
R/W
Unused
Receiver Interrupt Trigger Level (1-127)
FCL
0x06
R/W
Unused
Automatic Flow Control Lower Trigger Level (0-127)
FCH
0x07
R/W
Unused
Automatic Flow Control Higher Trigger level (1-127)
ID1
0x08
R
Hardwired ID byte 1 (0x16)
ID2
0x09
R
Hardwired ID byte 1 (0xC9)
ID3
0x0A
R
Hardwired ID byte 1 (0x50)
REV
0x0B
R
Hardwired revision byte (0x08)
CSR
0x0C
W
Writing 0x00 to this register will
reset the UART (Except the CKS and CKA registers)
NMR
0x0D
R/W
Unused
9th Bit
SChar 4
9th Bit
Schar 3
9th Bit
SChar 2
9th Bit
SChar 1
9th-bit Int.
En.
9 Bit
Enable
MDM
0x0E
R/W
Unused
∆ DCD
Wakeup
disable
Trailing
RI edge
disable
∆ DSR
Wakeup
disable
∆ CTS
Wakeup
disable
RFC
0X0F
R
FCR[7]
FCR[6]
FCR[5]
FCR[4]
FCR[3]
FCR[2]
FCR[1]
FCR[0]
GDS
0X10
R
Unused
Good
Data
Status
DMS
0x11
R/W
Force
internal
TxRdy
inactive
Force
internal
RxRdy
inactive
Unused
Internal
TxRdy
status
( R )
Internal
RxRdy
status
( R )
PIDX
0x12
R
Hardwired Port Index ( 0x00 )
CKA
0x13
R/W
Unused
Res.
Write ‘0’
Res.
Write ‘0’
Invert
DTR
signal
Invert
internal
tx clock
Invert
internal
rx clock
MDR
0xFE
R/W
Unused
Cfg
Paging
control
Table 27: Indexed Control Register Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com