Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCF950 Datasheet(PDF) 25 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 25 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 21Page - Oxford Semiconductor OXCF950 Datasheet HTML 22Page - Oxford Semiconductor OXCF950 Datasheet HTML 23Page - Oxford Semiconductor OXCF950 Datasheet HTML 24Page - Oxford Semiconductor OXCF950 Datasheet HTML 25Page - Oxford Semiconductor OXCF950 Datasheet HTML 26Page - Oxford Semiconductor OXCF950 Datasheet HTML 27Page - Oxford Semiconductor OXCF950 Datasheet HTML 28Page - Oxford Semiconductor OXCF950 Datasheet HTML 29Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
Page 25
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
0x40
0x0F
0xB0
0xFF
0xFF
0x07
•
Maximum number of identical cards is set to 8.
0x1B
0x04
0x02
0x01
0x01
0x55
CISTPL_CFTABLE_ENTRY This configuration is based on the previous configuration, except that it requests Vcc
to be 5.0 volts.
0xFF
CISTPL_END
End of CIS
Table 21: Card Information Structure Values (Local Bus Mode)
5.6.2
Normal Mode
Value
(Hex)
Tuple Name
Description
Direct Attribute
0x01
0x03
0x00
0x00
0xFF
CISTPL_DEVICE
CIS should start with a CISTPL_DEVICE tuple. (Allows operation at 5.0 volts)
0x1C
0x03
0x03
0x00
0xFF
CISTPL_DEVICE_OC
The CISTPL_DEVICE_OC tuple allows operation at 3.3 volts.
0x20
0x04
0x79
0x02
0x0B
0x95
CISTPL_MANFID
This tuple specifies the manufacturer ID and product ID codes (0x0279 and 0x950B
respectively).
0x21
0x02
0x02
0x01
CISTPL_FUNCID
This tuple specifies the function of the device, in this case the tuple states the device
is a serial port.
0x22
0x04
0x00
0x02
0x0F
0x7F
CISTPL_FUNCE
This tuple is the function extension tuple, and provides more detailed information
about the function of the device, and provides the following information:
•
Serial port includes a 16550 compatible UART.
•
Space, Mark, Odd and Even parity
•
5, 6, 7, 8 bit chars
•
1, 1.5 and 2 stop bit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com