Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9714 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCAL9714 Datasheet HTML 12Page - NXP Semiconductors PCAL9714 Datasheet HTML 13Page - NXP Semiconductors PCAL9714 Datasheet HTML 14Page - NXP Semiconductors PCAL9714 Datasheet HTML 15Page - NXP Semiconductors PCAL9714 Datasheet HTML 16Page - NXP Semiconductors PCAL9714 Datasheet HTML 17Page - NXP Semiconductors PCAL9714 Datasheet HTML 18Page - NXP Semiconductors PCAL9714 Datasheet HTML 19Page - NXP Semiconductors PCAL9714 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
ODEN1
ODEN0
Default
0
0
0
0
0
0
0
0
Table 29. Output port configuration register (address 4Fh)
6.4.12 Interrupt edge registers (50h, 51h, 52h, 53h)
These registers determine what action on an input pin will cause an interrupt along with the Interrupt Mask
registers (4Ah and 4Bh). If the Interrupt Mask is enabled (a 0 in the Mask register) and the action at the
corresponding pin matches the required activity, the INT output will become active. The default value for each
pin is 0 or level triggered, meaning a level change on the pin will cause an interrupt event. A level triggered
action means a change in logic state (HIGH-to-LOW or LOW-to-HIGH), since the last read of the Input port
(00h or 01h). If the Interrupt edge register entry is set to 03h, any edge, positive- or negative-going, causes
an interrupt event. If an entry is 01h, only a positive-going edge will cause an interrupt event, while a 02h will
require a negative-going edge to cause an interrupt event. A register write operation is described in 6.10.1.1. A
register read operation is described in Section 6.10.1.2 .
Bit
7
6
5
4
3
2
1
0
Symbol
IE0.3
IE0.2
IE0.1
IE0.0
Default
0
0
0
0
0
0
0
0
Table 30. Interrupt edge port 0A register (address 50h)
Bit
7
6
5
4
3
2
1
0
Symbol
IE0.7
IE0.6
IE0.5
IE0.4
Default
0
0
0
0
0
0
0
0
Table 31. Interrupt edge port 0B register (address 51h)
Bit
7
6
5
4
3
2
1
0
Symbol
IE1.3
IE1.2
IE1.1
IE1.0
Default
0
0
0
0
0
0
0
0
Table 32. Interrupt edge port 1A register (address 52h)
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
IE1.5
IE1.4
Default
-
-
-
-
0
0
0
0
Table 33. Interrupt edge port 1B register (address 53h)
6.4.13 Interrupt clear registers (54h, 55h)
These write-only registers clear individual interrupt sources. Setting an individual bit or any combination of bits
to logic 1 will reset the corresponding interrupt source, so if that source was the only event causing an interrupt,
the INTwill be cleared. After writing a logic 1 the bit returns to logic 0. A register write operation is described in
Section 6.10.1.1. A register read operation is described in Section 6.10.1.2.
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
16 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com