Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9714 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCAL9714 Datasheet HTML 32Page - NXP Semiconductors PCAL9714 Datasheet HTML 33Page - NXP Semiconductors PCAL9714 Datasheet HTML 34Page - NXP Semiconductors PCAL9714 Datasheet HTML 35Page - NXP Semiconductors PCAL9714 Datasheet HTML 36Page - NXP Semiconductors PCAL9714 Datasheet HTML 37Page - NXP Semiconductors PCAL9714 Datasheet HTML 38Page - NXP Semiconductors PCAL9714 Datasheet HTML 39Page - NXP Semiconductors PCAL9714 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
[1]
For IDD, all typical values are at nominal supply voltage (1.8 V, 2.5 V, 3.3 V or 3.6 V VDD) and Tamb = 25 °C. Except for IDD, the typical values are at VDD(P)
= VDD(SPI) = 3.3 V and Tamb = 25 °C.
[2]
The total current sourced by all I/Os must be limited to 160 mA.
[3]
Each I/O must be externally limited to a maximum of 25 mA and each octal (P0_0 to P0_7 and P1_0 to P1_5) must be limited to a maximum current of
100 mA, for a device total of 200 mA.
[4]
Typical value for Tamb = 25 °C. VOL = 0.4 V and VDD(SPI) = VDD(P) = 3.3 V. Typical value for VDD(SPI) = VDD(P) < 2.5 V, VOL = 0.6 V.
[5]
Internal pullup/pulldown resistors disabled.
[6]
Value not tested in production, but guaranteed by design and characterization.
Tamb = -40 °C to +125 °C; VDD(SPI) = 0.8 V to 3.6 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
VIK
input clamping voltage
II = -18 mA
-1.2
-
-
V
VPOR
power-on reset voltage
VI = VDD(P) or VSS; IO = 0 mA
-
1.2
1.5
V
P port; IOH = -8 mA; CCX.X = 11b
VDD(P) = 1.65 V
1.2
-
-
V
VDD(P) = 2.3 V
1.8
-
-
V
VDD(P) = 3 V
2.6
-
-
V
VDD(P) = 4.5 V
4.1
-
-
V
P port; IOH = -2.5 mA and CCX.X = 00b;
IOH = -5 mA and CCX.X = 01b;
IOH = -7.5 mA and CCX.X = 10b;
IOH = -10 mA and CCX.X = 11b;
VDD(P) = 1.65 V
1.1
-
-
V
VDD(P) = 2.3 V
1.7
-
-
V
VDD(P) = 3 V
2.5
-
-
V
VDD(P) = 4.5 V
4.0
-
-
V
SDOUT port
VDD(SPI) ≤ 1.65 V, IOH = -0.4 mA
0.8 x
VDD(SPI)
-
-
V
VOH
HIGH-level output voltage
[2]
VDD(SPI) > 1.65 V, IOH = -4 mA
VDD(SPI) -
0.3
-
-
V
P port; IOL = 8 mA; CCX.X = 11b
VDD(P) = 1.65 V
-
-
0.45
V
VDD(P) = 2.3 V
-
-
0.25
V
VDD(P) = 3 V
-
-
0.25
V
VDD(P) = 4.5 V
-
-
0.20
V
P port; IOL = 2.5 mA and CCX.X = 00b;
IOL = 5 mA and CCX.X = 01b;
IOL = 7.5 mA and CCX.X = 10b;
IOL = 10 mA and CCX.X = 11b;
VDD(P) = 1.65 V
-
-
0.5
V
VDD(P) = 2.3 V
-
-
0.3
V
VDD(P) = 3 V
-
-
0.25
V
VDD(P) = 4.5 V
-
-
0.2
V
VOL
LOW-level output voltage
[2]
SDOUT port
Table 49. Static characteristics for PCAL9714HN/Q900
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
36 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com