Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9714 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCAL9714 Datasheet HTML 42Page - NXP Semiconductors PCAL9714 Datasheet HTML 43Page - NXP Semiconductors PCAL9714 Datasheet HTML 44Page - NXP Semiconductors PCAL9714 Datasheet HTML 45Page - NXP Semiconductors PCAL9714 Datasheet HTML 46Page - NXP Semiconductors PCAL9714 Datasheet HTML 47Page - NXP Semiconductors PCAL9714 Datasheet HTML 48Page - NXP Semiconductors PCAL9714 Datasheet HTML 49Page - NXP Semiconductors PCAL9714 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
14 Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT616-3
MO-220
sot616-3_po
16-02-17
16-07-14
Unit(1)
mm
max
nom
min
1
0.05
4.1 2.75 4.1
0.5
2.5
A(1)
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN24: plastic thermal enhanced very thin quad flat package; no leads;
24 terminals; body 4 x 4 x 0.85 mm
SOT616-3
A1
b
0.30
c
D(1)
Dh E(1) Eh
e
e1
e2
2.5
L
v
0.1
w
y
0.2
0.1
0.05 0.05
y1
0.3
2.45
0.00
3.9 2.45 3.9
0.18
0.5
2.75
e
0
2.5
5 mm
scale
A
A1
c
detail X
y
y1 C
L
Eh
Dh
b
7
12
24
19
18
13
6
1
X
D
E
C
B
A
terminal 1
index area
terminal 1
index area
A
C
C
B
v
w
1/2 e
1/2 e
e1
e
e2
Figure 35. Package outline SOT616-3 (HVQFN24)
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
46 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com