Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9714 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCAL9714 Datasheet HTML 22Page - NXP Semiconductors PCAL9714 Datasheet HTML 23Page - NXP Semiconductors PCAL9714 Datasheet HTML 24Page - NXP Semiconductors PCAL9714 Datasheet HTML 25Page - NXP Semiconductors PCAL9714 Datasheet HTML 26Page - NXP Semiconductors PCAL9714 Datasheet HTML 27Page - NXP Semiconductors PCAL9714 Datasheet HTML 28Page - NXP Semiconductors PCAL9714 Datasheet HTML 29Page - NXP Semiconductors PCAL9714 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
7 Application information
PCAL9714
P0_0
P0_1
SCLK
SDIN
VDD
SCLK
SDOUT
P0_2
P0_3
VSS
MASTER
CONTROLLER
VSS
VDD(SPI) = 1.8 V
controlled
switch
A
B
enable
INT
VDD(P)
INT
10 k
SUBSYSTEM 1
(e.g., alarm system)
ALARM(1)
P0_4
P0_5
P0_6
P0_7
RESET
RESET
VDD(P)
aaa-031781
P1_0
P1_1
P1_2
P1_3
P1_4
P1_5
VDD(SPI)
VDD(SPI)
ADDR
KEYPAD
10 k
10 k (×7)
SDOUT
SDIN
CS
CS
Device address configured as 0100 000x for this example.
P0_0 and P0_2 through P1_0 are configured as inputs.
P0_1 and P1_1 through P1_5 are configured as outputs.
1. External resistors are required for inputs (on P port) that may float. Also, internal pullup or pulldown may be used to
eliminate the need for external components. If a driver to an input will never let the input float, a resistor is not needed.
If an output in the P port is configured as a push-pull output there is no need for external pullup resistors. If an output
in the P port is configured as an open-drain output, external pullup resistors are required.
Figure 15. Typical application
7.1 Minimizing IDD when the I/Os are used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a resistor as shown in
Figure 15. Since the LED acts as a diode, when the LED is off the I/ O VI is about 1.2 V less than VDD(P). The
supply current, IDD(P), increases as VI becomes lower than VDD(P).
Designs needing to minimize current consumption, such as battery power applications, should consider
maintaining the I/O pins greater than or equal to VDD when the LED is off. Figure 16 shows a high value resistor
in parallel with the LED. Figure 17 shows VDD(P) less than the LED supply voltage by at least 1.2 V. Both of
these methods maintain the I/O VI at or above VDD(P) and prevents additional supply current consumption when
the LED is off.
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
26 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com