Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9714 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button PCAL9714 Datasheet HTML 48Page - NXP Semiconductors PCAL9714 Datasheet HTML 49Page - NXP Semiconductors PCAL9714 Datasheet HTML 50Page - NXP Semiconductors PCAL9714 Datasheet HTML 51Page - NXP Semiconductors PCAL9714 Datasheet HTML 52Page - NXP Semiconductors PCAL9714 Datasheet HTML 53Page - NXP Semiconductors PCAL9714 Datasheet HTML 54Page - NXP Semiconductors PCAL9714 Datasheet HTML 55Page - NXP Semiconductors PCAL9714 Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
Contents
1
General description ............................................ 1
2
Features and benefits .........................................3
2.1
Agile I/O features ...............................................3
2.2
Additional Agile I/O Plus features ...................... 3
3
Ordering information .......................................... 4
3.1
Ordering options ................................................ 4
4
Block diagram ..................................................... 5
5
Pinning information ............................................ 6
5.1
Pinning ...............................................................6
5.2
Pin description ................................................... 6
6
Functional description ........................................8
6.1
Device address ..................................................8
6.2
Interface definition ............................................. 8
6.3
Pointer register and command byte ...................8
6.4
Register descriptions ....................................... 10
6.4.1
Input port registers (00h, 01h) ......................... 10
6.4.2
Output port registers (02h, 03h) ...................... 11
6.4.3
Polarity inversion register pair (04h, 05h) ........ 11
6.4.4
Configuration registers (06h, 07h) ................... 12
6.4.5
Output drive strength registers (40h, 41h,
42h, 43h) ......................................................... 12
6.4.6
Input latch registers (44h, 45h) ........................13
6.4.7
Pullup/pulldown enable registers (46h, 47h) .... 14
6.4.8
Pullup/pulldown selection registers (48h,
49h) ..................................................................14
6.4.9
Interrupt mask registers (4Ah, 4Bh) .................14
6.4.10
Interrupt status registers (4Ch, 4Dh) ............... 15
6.4.11
Output port configuration register (4Fh) ...........15
6.4.12
Interrupt edge registers (50h, 51h, 52h,
53h) ..................................................................16
6.4.13
Interrupt clear registers (54h, 55h) .................. 16
6.4.14
Input port without interrupt clear registers
(56h, 57h) ........................................................ 17
6.4.15
Output port configuration register pair (bit-
wise) (58h, 59h) ...............................................17
6.4.16
Switch debounce enable registers (5Ah,
5Bh) ................................................................. 18
6.4.17
Switch debounce count register (5Ch) .............18
6.5
I/O port .............................................................18
6.6
Power-on reset ................................................ 19
6.7
Reset input (RESET) .......................................19
6.8
Interrupt output (INT) .......................................19
6.9
Switch debounce circuitry ................................20
6.10
Bus transactions .............................................. 22
6.10.1
SPI interface (addressable SPI) ...................... 22
6.10.1.1 SPI write access sequence ............................. 23
6.10.1.2 SPI read access sequence ..............................24
6.10.1.3 SPI and auto increment ...................................25
7
Application information ....................................26
7.1
Minimizing IDD when the I/Os are used to
control LEDs .................................................... 26
7.2
Output drive strength control ........................... 27
7.3
Power-on reset requirements .......................... 28
7.4
Device current consumption with internal
pullup and pulldown resistors .......................... 30
8
Limiting values ..................................................31
9
Recommended operating conditions .............. 32
10
Thermal characteristics ....................................33
11
Static characteristics ........................................34
11.1
Typical characteristics ......................................38
12
Dynamic characteristics ...................................41
13
Parameter measurement information ..............43
14
Package outline .................................................46
15
Soldering of SMD packages .............................47
15.1
Introduction to soldering .................................. 47
15.2
Wave and reflow soldering .............................. 47
15.3
Wave soldering ................................................47
15.4
Reflow soldering .............................................. 47
16
Soldering: PCB footprints ................................49
17
Abbreviations .................................................... 50
18
Revision history ................................................ 51
19
Legal information ..............................................52
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section 'Legal information'.
© 2023 NXP B.V.
All rights reserved.
For more information, please visit: http://www.nxp.com
Date of release: 1 May 2023
Document identifier: PCAL9714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com