Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9714 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCAL9714 Datasheet HTML 39Page - NXP Semiconductors PCAL9714 Datasheet HTML 40Page - NXP Semiconductors PCAL9714 Datasheet HTML 41Page - NXP Semiconductors PCAL9714 Datasheet HTML 42Page - NXP Semiconductors PCAL9714 Datasheet HTML 43Page - NXP Semiconductors PCAL9714 Datasheet HTML 44Page - NXP Semiconductors PCAL9714 Datasheet HTML 45Page - NXP Semiconductors PCAL9714 Datasheet HTML 46Page - NXP Semiconductors PCAL9714 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
13 Parameter measurement information
aaa-015952
DUT
CL = 100 pF
RL = 4.7 k
INT
VDD(SPI)
a. Interrupt load configuration
1 0 0 0 0 0 1
0
slave address
register address
data from port 0
data from port 1
CS
SDIN
SDOUT
DATA 01
DATA 01
DATA 12
trst(INT)
tsu(D)
0 0 0 0 0 0 0
0
R/W
1
2
3
4
5
6
7
8
SCLK
data into port 0
data into port 1
INT
9 10 11 12 13 14 15 16 17 18 19 20 21
23 24 25 26
28 29 30 31 32
DATA 10
DATA 11
DATA 12
View B-B
View A-A
tv(INT)
INT
Pn
tv(INT)
0.5 × VDD(SPI)
0.5 × VDD(P)
aaa-015951
SCLK
0.5 × VDD(SPI)
INT
24th
25th
trst(INT)
0.3 × VDD(SPI)
0.7 × VDD(SPI)
trst(INT)
27
22
b. Voltage waveforms
All inputs are supplied by generators having the following characteristics: PRR ≤ 10 MHz; Zo = 50 Ω; tr/tf ≤ 30 ns.
All parameters and waveforms are not applicable to all devices. b. Voltage waveforms
Figure 32. Interrupt load circuit and voltage waveforms
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
43 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com