Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9714 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCAL9714
Description  Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9714 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCAL9714 Datasheet HTML 35Page - NXP Semiconductors PCAL9714 Datasheet HTML 36Page - NXP Semiconductors PCAL9714 Datasheet HTML 37Page - NXP Semiconductors PCAL9714 Datasheet HTML 38Page - NXP Semiconductors PCAL9714 Datasheet HTML 39Page - NXP Semiconductors PCAL9714 Datasheet HTML 40Page - NXP Semiconductors PCAL9714 Datasheet HTML 41Page - NXP Semiconductors PCAL9714 Datasheet HTML 42Page - NXP Semiconductors PCAL9714 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
NXP Semiconductors
PCAL9714
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and
reset
VOL (V)
0
0.3
0.2
0.1
002aaf578
15
25
35
Isink
(mA)
0
Tamb = - 40 °C
25 °C
85 °C
5
10
20
30
a. VDD(P) = 1.65 V
VOL (V)
0
0.3
0.2
0.1
002aaf579
15
25
35
Isink
(mA)
0
Tamb = - 40 °C
25 °C
85 °C
5
10
20
30
b. VDD(P) = 1.8 V
VOL (V)
0
0.3
0.2
0.1
002aaf580
20
50
Isink
(mA)
0
Tamb = - 40 °C
25 °C
85 °C
10
30
40
c. VDD(P) = 2.5 V
VOL (V)
0
0.3
0.2
0.1
002aaf581
20
40
60
Isink
(mA)
0
Tamb = - 40 °C
25 °C
85 °C
d. VDD(P) = 3.3 V
Figure 27. I/O sink current versus LOW-level output voltage with CCX.X = 11b
PCAL9714
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 1 May 2023
39 / 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com