Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83255AVF Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 18Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 19Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 20Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 21Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 22Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 23Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 24Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 25Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
50 Registers (Continued)
MODE REGISTER (MR)
The Mode Register is used to initialize and configure the PLAYER device
In order to minimize interruptions on the network it is recommended that the PLAYER device first be put in STOP mode (ie set
the RUN bit to zero) before programming the Mode Register the Configuration Register or the Current Transmit State Register
ACCESS RULES
ADDRESS
READ
WRITE
00h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RNRZ
TNRZ
TE
TQL
CM
EXLB
ILB
RUN
Bit
Symbol
Description
D0
RUN
RUN STOP
0 Enables the STOP mode Refer to Section 42 STOP Mode of Operation for more
information
1 Normal Operation (ie RUN mode)
Note
The RUN bit is automatically set to 0 when the RST pin is asserted (ie set to ground)
D1
ILB
INTERNAL LOOPBACK
0 Disables Internal Loopback mode (ie normal operation)
1 Enables Internal Loopback mode
Refer to Section 43 Loopback Mode of Operation for more information
D2
EXLB
EXTERNAL LOOPBACK
0 Disables External Loopback mode (ie normal operation)
1 Enables External Loopback mode
Refer to Section 43 Loopback Mode of Operation for more information
D3
CM
CASCADE MODE
0 Disables synchronization of cascaded PLAYER devices
1 Enables the synchronization of cascaded PLAYER devices
Refer to Section 44 Cascade Mode of Operation for more information
D4
TQL
TRANSMIT QUIET LEVEL
This bit is used to program the transmission level of the Quiet
symbols
0 Low level Quiet symbols are transmitted through the PMD Data Request pins
(ie TXDae low TXDbe high)
1 High level Quiet symbols are transmitted through the PMD Data Request pins
(ie TXDae high TXDbe low)
D5
TE
TRANSMIT ENABLE
The TE bit controls the action of FOTX Enable (TXE) pin independent
of the current transmit mode When TE is 0 the TXE output disables the optical transmitter
when TE is 1 the optical transmitter is disabled during the Off Transmit Mode (OTM) and
enabled otherwise The On and Off level of the TXE is dependent on the FOTX Enable Level
(TEL) pin to the PLAYER device The following rules summarizes the output of TXE
(1) If TE e 0 then TXE e Off
(2) If TE e 1 and OTM then TXE e 0ff
(3) If TE e 1 and not OTM then TXE e On
D6
TNRZ
TRANSMIT NRZ DATA
0 Transmits data in Non-Return-To-Zero-Invert-On-Ones format
1 Transmits data in Non-Return-To-Zero format
D7
RNRZ
RECEIVE NRZ DATA
0 Receives data in Non-Return-To-Zero-Invert-On-Ones format
1 Receives data in Non-Return-To-Zero format
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com