Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83255AVF Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 62Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 63Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 64Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 65Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 66Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 67Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 68Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 69Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
60 Pin Descriptions (Continued)
TABLE 6-2 DP83255 Pinout Summary
Pin No
Signal Name
Symbol
IO
ECLTTLOpen
DrainPower
1
CMOS Logic Ground
GND
a
0V
2
Control Bus Datak2l
CBD2
IO
TTL
3
Control Bus Datak3l
CBD3
IO
TTL
4
CMOS IO Ground
GND
a
0V
5
Control Bus Datak4l
CBD4
IO
TTL
6
Control Bus Datak5l
CBD5
IO
TTL
7
CMOS IO Power
VCC
a
5V
8
Control Bus Datak6l
CBD6
IO
TTL
9
Control Bus Datak7l
CBD7
IO
TTL
10
Control Bus Data Parity
CBP
IO
TTL
11
Enable Pin 0
EP0
O
TTL
12
Enable Pin 1
EP1
O
TTL
13
No Connect
NC
14
No Connect
NC
15
No Connect
NC
16
No Connect
NC
17
No Connect
NC
18
No Connect
NC
19
No Connect
NC
20
CMOS Logic Ground
GND
a
0V
21
Control Bus Data Parity Enable
CBPE
I
TTL
22
Sense Pin 0
SP0
I
TTL
23
Sense Pin 1
SP1
I
TTL
24
PHY Port A Indicate Parity
AIP
O
TTL
25
PHY Port A Request Parity
ARP
I
TTL
26
PHY Port A Indicate Control
AIC
O
TTL
27
PHY Port A Request Control
ARC
I
TTL
28
PHY Port A Indicate Datak7l
AID7
O
TTL
29
PHY Port A Request Datak7l
ARD7
I
TTL
30
PHY Port A Indicate Datak6l
AID6
O
TTL
31
PHY Port A Request Datak6l
ARD6
I
TTL
32
CMOS IO Ground
GND
a
0V
33
PHY A Indicate Datak5l
AID5
O
TTL
34
PHY A Request Datak5l
ARD5
I
TTL
35
CMOS IO Power
VCC
a
5V
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com