Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83255AVF Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 52Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 53Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 54Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 55Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 56Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 57Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 58Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 59Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
60 Pin Descriptions (Continued)
TABLE 6-1 DP83251 Pinout Summary
Pin No
Signal Name
Symbol
IO
ECLTTLOpen
DrainPower
1
Control Bus Datak2l
CBD2
IO
TTL
2
Control Bus Datak3l
CBD3
IO
TTL
3
CMOS IO Ground
GND
a
0V
4
Control Bus Datak4l
CBD4
IO
TTL
5
Control Bus Datak5l
CBD5
IO
TTL
6
CMOS IO Power
VCC
a
5V
7
Control Bus Datak6l
CBD6
IO
TTL
8
Control Bus Datak7l
CBD7
IO
TTL
9
Control Bus Data Parity
CBP
IO
TTL
10
Enable Pin 0
EP0
O
TTL
11
Enable Pin 1
EP1
O
TTL
12
CMOS Logic Ground
GND
a
0V
13
Control Bus Data Parity Enable
CBPE
I
TTL
14
Sense Pin 0
SP0
I
TTL
15
Sense Pin 1
SP1
I
TTL
16
PHY Port A Indicate Parity
AIP
O
TTL
17
PHY Port A Indicate Control
AIC
O
TTL
18
PHY Port A Indicate Datak7l
AID7
O
TTL
19
PHY Port A Indicate Datak6l
AID6
O
TTL
20
CMOS IO Ground
GND
a
0V
21
PHY Port A Indicate Datak5l
AID5
O
TTL
22
CMOS IO Power
VCC
a
5V
23
PHY Port A Indicate Datak4l
AID4
O
TTL
24
CMOS Logic Ground
GND
a
0V
25
PHY Port A Indicate Datak3l
AID3
O
TTL
26
PHY Port A Indicate Datak2l
AID2
O
TTL
27
PHY Port A Indicate Datak1l
AID1
O
TTL
28
PHY Port A Indicate Datak0l
AID0
O
TTL
29
Cascade Start
CS
O
TTL
30
Cascade Ready
CR
I
Open Drain
31
No Connect
NC
32
No Connect
NC
33
Clock Detect
CD
I
TTL
34
Signal Detect
TTLSD
I
TTL
35
External Loopback Enable
ELB
O
TTL
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com