Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83255AVF Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 72Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 73Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 74Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 75Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 76Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 77Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 78Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 79Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
60 Pin Descriptions (Continued)
POWER AND GROUND
All power pins should be connected to a single 5V power supply All ground pins should be connected to a common 0V ground
supply
Symbol
Pin No
IO
Description
GND
1
Ground
Power supply return for internal CMOS logic
GND
4
Ground
Power supply return for Control Bus Interface CMOS IOs
VCC
7
Power
Positive 5V power supply (g5% relative to ground) for Control Bus Interface
CMOS IOs
GND
20
Ground
Power supply return for internal CMOS logic
GND
32
Ground
Power supply return for Port A Interface CMOS IOs
VCC
35
Power
Positive 5V power supply (g5% relative to ground) for the Port A Interface
CMOS IOs
GND
38
Ground
Power supply return for internal CMOS logic
VCC
62
Power
Positive 5V power supply (g5% relative to ground) for internal ECL logic
GND
65
Ground
Power supply return for internal ECL logic
VCC
68
Power
Positive 5V power supply (g5% relative to ground) for the Serial Interface ECL I
Os
GND
71
Ground
Power supply return for internal ECL logic
VCC
74
Power
Positive 5V power supply (g5% relative to ground) for internal ECL logic
GND
96
Ground
Power supply return for internal CMOS logic
VCC
99
Power
Positive 5V power supply (g5% relative to ground) for Port B Interface CMOS I
Os
GND
102
Ground
Power supply return for Port B Interface CMOS IOs
VCC
129
Power
5V power supply (g5% relative to ground) for internal CMOS logic
GND
132
Ground
Power supply return for internal CMOS logic
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com