Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83255AVF Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 43Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 44Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 45Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 46Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 47Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 48Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 49Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 50Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
50 Registers (Continued)
CURRENT LINK ERROR COUNT REGISTER (CLECR)
The Current Link Error Count Register takes a snap-shot of the Link Error Monitor Counter during every Control Bus Interface
read-cycle of this register
During a Control Bus Interface write-cycle the PLAYER device will set the Control Bus Write Command Reject bit (CCR) of the
Interrupt Condition Register (ICR) to 1 and will ignore a write-cycle
ACCESS RULES
ADDRESS
READ
WRITE
16h
Always
Write Reject
D7
D6
D5
D4
D3
D2
D1
D0
LEC7
LEC6
LEC5
LEC4
LEC3
LEC2
LEC1
LEC0
Bit
Symbol
Description
D0–7
LEC0–7
LINK ERROR COUNT BIT k0–7l
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com